Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 28Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 29Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 30Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 31Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 32Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 33Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 34Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 35Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 32 of 269
M306V2ME-XXXFP, M306V2EEFP
________
(5) RDY signal
________
RDY signal facilitates access of external devices that require a long time for access. As shown in
________
Figure 2.4.6, if an “L” is being input to the RDY pin at the BCLK falling edge, the bus turns to the wait
________
state. If an “H” is being input to the RDY pin at the BCLK falling edge, the bus cancels the wait state.
Table 2.4.6 shows the microcomputer state in the wait state. Figure 2.4.6 shows the example of the
_____
________
RD signal being extended using the RDY signal.
________
The RDY signal is valid when accessing the external area during the bus cycle in which bits 4 to 7 of
________
the chip select control register (address 000816) are set to “0.” The RDY signal is invalid when setting
________
“1” to all bits 4 to 7 of the chip select control register (address 000816), but the RDY pin should be
treated as properly as in non-using.
Table 2.4.6 Microcomputer status in ready state (Note)
Item
Status
Oscillation
On
___
_____
R/W signal, address bus, data bus, CS
________
Maintain status when RDY signal received
__________
ALE signal, HLDA, programmable I/O ports
Internal peripheral circuitsOn
________
Note: The RDY signal cannot be received immediately prior to a software wait.
_____
________
Figure 2.4.6 Example of RD signal extended by RDY signal
BCLK
RD
CSi
(i=0 to 3)
RDY
tsu(RDY - BCLK)
BCLK
RD
CSi
(i=0 to 3)
RDY
tsu(RDY - BCLK)
In an instance of separate bus
In an instance of multiplexed bus
Accept timing of RDY signal
: Wait using RDY signal
: Wait using software
Accept timing of RDY signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com