Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 94Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 95Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 96Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 97Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 98Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 99Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 100Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 101Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 98 of 269
M306V2ME-XXXFP, M306V2EEFP
(4) TB0IN noise filter
The input signal of pin TB0IN has the noise filter. The ON/OFF of noise filter and selection of filter clock
are set by bits 2 to 4 of the peripheral mode register.
Note: When using the noise filter, set bit 7 of the peripheral mode register according to the main clock
frequency.
Figure 2.10.28 Peripheral mode register
Peripheral mode register
SymbolAddressWhen reset
PM027D16
0XX000002
Bit name
Function
Bit symbol
W
R
b7b6b5b4b3b2b1b0
0 0 : None
0 1 : SCL1, SDA1
1 0 : SCL2, SDA2
1 1 : SCL1 and SDA1,
SCL2 and SDA2
b1 b0
NFON
BSEL0
Clock selection bits of
TB0IN noise filter
(Note)
ON/OFF selection
bit of TB0IN pin noise filter
I2C-BUS interface port
selection bits
BSEL1
WSEL0
WSEL1
b3 b2
0 0 : 0.25
µs
(removed bus width: max 0.75
µs)
0 1 : 8
µs
(removed bus width: max 24
µs)
1 0 : 16
µs
(removed bus width: max 48
µs)
1 1 : 32
µs
(removed bus width: max 96
µs)
0 : Noise filter OFF
1 : Noise filter ON
SSCK
Main clock frequency
selection bit
0 : f(XIN) = 10 MHZ
1 : f(XIN) = 16 MHZ
Note: The operation of MCU is not guaranteed when f(XIN) = 16 MHz.
Nothing is assigned.
In an attempt to write to this bit, write “0.” The value, if read, turns out to be
indeterminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com