Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 3 Page - Renesas Technology Corp

  M306V2EEFS Datasheet HTML 1Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 2Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 3Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 4Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 5Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 6Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 7Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 8Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 271 page
background image
M306V2ME-XXXFP, M306V2EEFP
Rev.1.40
Oct 06, 2004 page 3 of 269
1.3 Pin Configuration
Figure 1.3.1 shows the pin configuration (top view).
PIN CONFIGURATION (top view)
Package: 100P6S-A
Figure 1.3.1 Pin configuration (top view)
P44/CS0
81
P07/D7
50
P45/CS1
82
P06/D6
49
P46/CS2
83
P05/D5
48
P47/CS3
84
P04/D4
47
P50/WRL/WR
85
P03/D3
46
P51/WRH/BHE
86
P02/D2
45
P52/RD
87
P01/D1
44
P53/BCLK
88
P00/D0
43
P54/HLDA
89
P107/AN5
42
P55/HOLD
90
P106/AN4
41
P56/ALE
91
P105/AN3
40
P57/RDY/CLKOUT
92
P104/AN2
39
P60/CTS0/RTS0
93
P103/AN1
38
P61/CLK0
94
P102/AN0
37
P62/RxD0
95
P101/VSYNC
36
P63/TXD0
96
N.C.
35
B
97
P100/HSYNC
34
G
98
TVSETB
33
R
99
AVcc
32
P67/SDA2
100
CVIN
31
M306V2ME-XXXFP
M306V2EEFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com