Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 36Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 37Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 38Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 39Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 40Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 41Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 42Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 43Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 40 of 269
M306V2ME-XXXFP, M306V2EEFP
Figures 2.5.5 and 2.5.6 shows the system clock control registers 0 and 1.
Figure 2.5.6 System clock control register 1
System clock control register 1 (Note 1)
Symbol
Address
When reset
CM1
000716
2016
Bit name
Function
Bit symbol
b7b6b5b4b3b2b1b0
CM10
All clock stop control bit
(Note 4)
0 : Clock on
1 : All clocks off (stop mode)
Notes 1: Set bit 0 of the protect register (address 000A16) to “1” before writing to this register.
2: This bit changes to “1” when shifting from high-speed/medium-speed mode to stop mode and at a
reset. When shifting from low-speed/low power dissipation mode to stop mode, the value before stop
mode is retained.
3: Can be selected when bit 6 of the system clock control register 0 (address 000616) is “0.”
If “1”, division mode is fixed at 8.
4: If this bit is set to “1,” XOUT turns “H,” and the built-in feedback resistor is cut off. XCIN and XCOUT turn
high-impedance state.
CM15
XIN-XOUT drive capacity
select bit (Note 2)
0 : LOW
1 : HIGH
W
R
CM16
CM17
Main clock division
select bit 1 (Note 3)
0 0 : No division mode
0 1 : Division by 2 mode
1 0 : Division by 4 mode
1 1 : Division by 16 mode
b7 b6
0
0
Reserved bits
Must always be set to
“0”
0
0
Figures 2.5.5 System clock control register 0
System clock control register 0 (Note 1)
Symbol
Address
When reset
CM0
000616
4816
Bit name
Function
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
0 0 : I/O port P57
0 1 : fC output
1 0 : f8 output
1 1 : f32 output
b1 b0
CM07
CM05
CM04
CM03
CM01
CM02
CM00
CM06
Clock output function
select bit
(Valid only in single-chip
mode)
WAIT peripheral function
clock stop bit
0 : Do not stop peripheral function clock in wait mode
1 : Stop peripheral function clock in wait mode (Note 8)
XCIN-XCOUT drive capacity
select bit (Note 2)
0 : LOW
1 : HIGH
Port XC select bit
0 : I/O port
1 : XCIN-XCOUT generation
Main clock (XIN-XOUT)
stop bit (Notes 3, 4, 5)
0 : On
1 : Off
Main clock division select
bit 0 (Note 7)
0 : CM16 and CM17 valid
1 : Division by 8 mode
System clock select bit
(Note 6)
0 : XIN, XOUT
1 : XCIN, XCOUT
Notes 1: Set bit 0 of the protect register (address 000A16) to “1” before writing to this register.
2: Changes to “1” when shifting to stop mode and at a reset.
3: When entering power saving mode, main clock stops using this . When returning from stop mode and
operating with XIN, set this bit to “0.” When main clock oscillation is operating by itself, set system clock select
bit (CM07) to “1” before setting this bit to “1”.
4: When inputting external clock, only clock oscillation buffer is stopped and clock input is acceptable.
5: If this bit is set to “1,” XOUT turns “H.” The built-in feedback resistor remains being connected, so XIN turns
pulled up to XOUT (“H”) via the feedback resistor.
6: Set port Xc select bit (CM04) to “1” and stabilize the sub-clock oscillating before setting to this bit from “0” to
“1.” Do not write to both bits at the same time. And also, set the main clock stop bit (CM05) to “0” and stabilize
the main clock oscillating before setting this bit from “1” to “0.”
7: This bit changes to “1” when shifting from high-speed/medium-speed mode to stop mode and at a reset. When
shifting from low-speed/low power dissipation mode to stop mode, the value before stop mode is retained.
8: fC32 is not included.
W
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com