Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 83Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 84Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 85Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 86Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 87Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 88Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 89Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 90Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 87 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 2.10.12 Timer Ai mode register in event counter mode (i = 0 to 4)
Timer Ai mode register
Symbol
Address
When reset
TAiMR(i = 0 to 4)
039616 to 039A16
0016
b7b6b5b4b3b2b1b0
Operation mode select bit
0 1 : Event counter mode (Note 1)
b1 b0
TMOD1
TMOD0
MR0
Pulse output function
select bit
0 : Pulse is not output
(TA2OUT/TA3OUT pin is a normal port pin)
1 : Pulse is output (Note 2)
(TA2OUT/TA3OUT pin is a pulse output pin)
Reserved bit
MR3
0 : (Must always be set to “0” in event counter mode)
Reserved bit
TCK0
01
0
Must always be set to “0”
Bit symbolBit nameFunction
W
R
Count operation type select
bit
0 : Reload type
1 : Free-run type
Must always be set to “0”
00
Notes 1: In event counter mode, the count source is selected by the event / trigger
select bit (addresses 038216 and 038316).
2: The settings of the corresponding port register and port direction register
are invalid.
3: This bit of TAiMR (i = 0, 1, 4) must always be set to “0.”
4: When an “L” signal is input to the input signal from TA2OUT/TA3OUT pin,
the downcount is activated. When “H,” the upcount is activated. Set the
corresponding port direction register to “0.”
MR2
Up/down switching
cause select bit
0 : Up/down flag’s content
1 : TA2OUT/TA3OUT pin’s input signal
(Notes 3, 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com