Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 50Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 51Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 52Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 53Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 54Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 55Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 56Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 57Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 54 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 2.7.3 Interrupt control registers
Symbol
Address
When reset
INTiIC(i = 0, 1)
005D16, 005E16
XX00?0002
IIC1IC
004916
XX00?0002
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
ILVL0
IR
POL
Nothing is assigned.
In an attempt to write to these bits, write “0.” The value, if read, turns out to
be indeterminate.
Interrupt priority level
select bit
Interrupt request bit
Polarity select bit
(Note 2)
Reserved bit
0: Interrupt not requested
1: Interrupt requested
0 : Selects falling edge
1 : Selects rising edge
Must always be set to “0”
ILVL1
ILVL2
Notes 1: This bit can only be accessed for reset (= 0), but cannot be accessed for set (= 1).
2: Bit 4 at address 004916 is invalid. Must always be set to “0.”
3: To rewrite the interrupt control register, do so at a point that does not generate the
interrupt register for that register For details see the precautions for interrupts
(Note 1)
Interrupt control register
b7
b6
b5
b4
b3
b2
b1
b0
Bit name
Function
Bit symbol
W
R
Symbol
Address
When reset
OSDiIC(i = 1, 2)
004416, 004816
XXXX?0002
BCNIC
004A16
XXXX?0002
DMiIC(i = 0, 1)
004B16, 004C16
XXXX?0002
IIC0IC
004D16
XXXX?0002
ADIC
004E16
XXXX?0002
SiTIC(i = 0 , 2)
005116, 004F16
XXXX?0002
SiRIC(i = 0 , 2)
005216, 005016
XXXX?0002
DSIC
005316
XXXX?0002
VSYNCIC
005416
XXXX?0002
TAiIC(i = 0 to 4)
005516 to 005916
XXXX?0002
TBiIC(i = 0 to 2)
005A16 to 005C16
XXXX?0002
ILVL0
IR
Interrupt priority level
select bit
Interrupt request bit
0 : Interrupt not requested
1 : Interrupt requested
ILVL1
ILVL2
Nothing is assigned.
In an attempt to write to these bits, write “0.” The value, if read, turns out to
be indeterminate.
(Note)
Notes 1: This bit can only be accessed for reset (= 0), but cannot be accessed for set (= 1).
2: To rewrite the interrupt control register, do so at a point that does not generate the
interrupt register for that register. For details, see the precautions for interrupts.
0 0 0 : Level 0 (interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2 b1 b0
0 0 0 : Level 0 (interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2 b1 b0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com