Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 41Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 42Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 43Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 44Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 45Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 46Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 47Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 48Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 45 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 2.5.7 State transition diagram of Power control mode
Main clock is oscillating
Sub clock is stopped
CM04 = “0”
BCLK : f(XIN)/16
CM07 = “0”
CM06 = “0”
CM17 = “1”
CM16 = “1”
BCLK : f(XIN)/4
CM07 = “0”
CM06 = “0”
CM17 = “1”
CM16 = “0”
BCLK : f(XIN)
CM07 = “0”
CM06 = “0”
CM17 = “0”
CM16 = “0”
High-speed mode
BCLK : f(XIN)/2
CM07 = “0”
CM06 = “0”
CM17 = “0”
CM16 = “1”
Medium-speed mode (divided-by-2)
Medium-speed mode (divided-by-16)
Medium-speed mode (divided-by-4)
BCLK : f(XIN)/16
CM07 = “0”
CM06 = “0”
CM17 = “1”
CM16 = “1”
BCLK: f(XIN)/4
CM07 = “0”
CM06 = “0”
CM17 = “1”
CM16 = “0”
BCLK : f(XIN)
CM07 = “0”
CM06 = “0”
CM17 = “0”
CM16 = “0”
BCLK : f(XIN)/2
CM07 = “0”
CM06 = “0”
CM17 = “0”
CM16 = “1”
High-speed mode
Medium-speed mode (divided-by-2)
Medium-speed mode (divided-by-16)
Medium-speed mode (divided-by-4)
Reset
Medium-speed mode
(Divided-by-8 mode)
Low-speed/
low power dissipation
mode
Wait mode
WAIT
instruction
Interrupt
CPU operation stopped
Interrupt
Transition of stop mode, wait mode
Transition of normal mode
Normal mode
Notes 1: Switch clocks after oscillation of main clock is
sufficiently stable.
2: Switch clocks after oscillation of sub-clock is
sufficiently stable.
3: Change CM06 after changing CM17 and
CM16.
4: Transit in accordance with arrows.
High-speed/
medium-speed
mode
Wait mode
WAIT
instruction
Interrupt
CPU operation stopped
Stop mode
CM10 = “1”
All oscillators stopped
Interrupt
Stop mode
CM10 = “1”
All oscillators stopped
Main clock is oscillating
Sub-clock is stopped
Medium-speed mode (divided-by-8 mode)
BCLK : f(XIN)/8
CM07 = “0”
CM06 = “1”
CM04 = “0”
CM04 = “1”
(Notes 1, 3)
Main clock is oscillating
Sub-clock is oscillating
BCLK : f(XCIN)
CM07 = “1”
Main clock is oscillating
Sub-clock is oscillating
Low-speed mode
BCLK : f(XIN)/8
CM07 = “0”
CM06 = “1”
Medium-speed mode (divided-by-8)
CM04 = “1”
CM06 = “0”
(Notes1, 3)
CM06 = “1”
CM05 = “0”
CM05 = “1”
Main clock is stopped
Sub-clock is oscillating
Low power dissipation mode
BCLK : f(XCIN)
CM07 = “1”
CM07 = “0”
(Notes 1, 3)
CM07 = “1”
(Note 2)
Stop mode
CM10 = “1”
All oscillators stopped
Interrupt
Wait mode
WAIT
instruction
Interrupt
CPU operation stopped
(See the figure below as for transition of normal mode)
CM07 = “1”
CM05 = “1”
(Note 2)
CM07 = “0”
CM06 = “0”
CM04 = “0”
(Notes 1, 3)
CM07 = “0”
CM06 = “1”
CM04 = “0”
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com