Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 93Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 94Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 95Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 96Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 97Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 98Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 99Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 100Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 97 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 2.10.26 Reserved register i (i = 0 to 2, 5)
Reserved register i
Symbol
Address
When reset
INVC0
034816
000000002
INVC1
034016
000?????2
INVC2
03A816
000000002
INVC5
037616
000000002
b7b6
b5
b4
b3
b2
b1
b0
Reserved bits
Bit symbol
Bit name
Description
RW
Must always be set to “0”
00
00
0
0
0
0
Figure 2.10.27 Reserved register i (i = 3 and 4)
Reserved register i
Symbol
Address
When reset
INVC3
036216
4016
INVC4
036616
4016
b7b6
b5
b4
b3
b2
b1
b0
Bit symbol
Bit name
Description
RW
Reserved bits
Must always be set to “0”
01
00
0
0
0
0
Reserved bit
Must always be set to “1”
Note: Set data to this register after setting bit 2 of the protect register (address 000A 16) to “1.”
Reserved bits
Must always be set to “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com