Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 81Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 82Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 83Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 84Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 85Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 86Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 87Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 88Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 85 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 2.10.11 Timer Ai mode register in timer mode (i = 0 to 4)
(1) Timer mode
In this mode, the timer counts an internally generated count source. (See Table 2.10.1.) Figure 2.10.11
shows the timer Ai mode register in timer mode.
Table 2.10.1 Specifications of timer mode
Item
Specification
Count source
f1, f8, f32, fc32
Count operation
• Down count
• When the timer underflows, it reloads the reload register contents before continuing counting
Divide ratio
1/(n+1)
n : Set value
Count start condition
Count start flag is set (= 1)
Count stop condition
Count start flag is reset (= 0)
Interrupt request generation timing
When the timer underflows
TA2OUT/TA3OUT pin function
Programmable I/O port or pulse output
Read from timer
Count value can be read out by reading timer Ai register
Write to timer
• When counting stopped
When a value is written to timer Ai register, it is written to both reload register and counter
• When counting in progress
When a value is written to timer Ai register, it is written to only reload register
(Transferred to counter at next reload time)
Select function
• Pulse output function
Each time the timer underflows, the TAiOUT pin’s polarity is reversed
Notes 1 : The settings of the corresponding port register and port direction register
are invalid.
2: This bit of TAiMR (i = 0 1 4) must always be set to “0 ”
Timer Ai mode register
Symbol
Address
When reset
TAiMR(i=0 to 4)
039616 to 039A16
0016
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
Operation mode
select bit
0 0 : Timer mode
b1 b0
TMOD1
TMOD0
MR0
Pulse output function
select bit
(Note 2)
0 : Pulse is not output
(TA2OUT/TA3OUT pin is a normal port pin)
1 : Pulse is output (Note 1)
(TA2OUT/TA3OUT pin is a pulse output pin)
Must always be set to “0”
Reserved
bits
MR3
0 (Must always be set to “0” in timer mode)
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fC32
b7 b6
TCK1
TCK0
Count source select bit
00
0 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com