Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 19Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 20Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 21Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 22Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 23Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 24Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 25Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 26Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 23 of 269
M306V2ME-XXXFP, M306V2EEFP
2.4 Processor Mode
2.4.1 Types of Processor Mode
One of three processor modes can be selected: single-chip mode, memory expansion mode, and micro-
processor mode. The functions of some pins, the memory map, and the access space differ according to
the selected processor mode.
(1) Single-chip mode
In single-chip mode, only internal memory space (SFR, OSD RAM, internal RAM, and internal ROM)
can be accessed. Ports P0 to P10 can be used as programmable I/O ports or as I/O ports for the
internal peripheral functions.
(2) Memory expansion mode
In memory expansion mode, external memory can be accessed in addition to the internal memory
space (SFR, OSD RAM, internal RAM, and internal ROM).
In this mode, some of the pins function as the address bus, the data bus, and as control signals. The
number of pins assigned to these functions depends on the bus and register settings. (See “2.4.3 Bus
Settings” for details.)
(3) Microprocessor mode
In microprocessor mode, the SFR, OSD RAM, internal RAM, and external memory space can be
accessed. The internal ROM area cannot be accessed.
In this mode, some of the pins function as the address bus, the data bus, and as control signals. The
number of pins assigned to these functions depends on the bus and register settings. (See “2.4.3 Bus
Settings” for details.)
2.4.2 Setting Processor Modes
The processor mode is set using the CNVSS pin and the processor mode bits (bits 1 and 0 at address
000416). Do not set the processor mode bits to “102”.
Regardless of the level of the CNVSS pin, changing the processor mode bits selects the mode. Therefore,
never change the processor mode bits when changing the contents of other bits. Also do not attempt to
shift to or from the microprocessor mode within the program stored in the internal ROM area.
(1) Applying VSS to CNVSS pin
The microcomputer begins operation in single-chip mode after being reset. Memory expansion mode
is selected by writing “012” to the processor mode is selected bits.
(2) Applying VCC to CNVSS pin
The microcomputer starts to operate in microprocessor mode after being reset.
Figures 2.4.1 and 2.4.2 show the processor mode register 0 and 1.
Figure 2.4.3 shows the memory maps applicable for each of the modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com