Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 21Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 22Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 23Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 24Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 25Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 26Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 27Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 28Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 25 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 2.4.2 Processor mode register 1
Processor mode register 1 (Note 1)
Symbol
Address
When reset
PM1
000516
00000X002
Bit name
Function
Bit symbol
W
R
b7b6b5b4b3b2b1b0
Nothing is assigned.
In an attempt to write to this bit, write “0.” The value, if read, turns out to be
indeterminate.
Reserved bit
Must always be set to “0”
0
Notes 1: Set bit 1 of the protect register (address 000A16) to “1” when writing new
values to this register.
2: As this bit becomes “0” at reset, must always be set to “1” after reset
release.
PM17
Wait bit
0 : No wait state
1 : Wait state inserted
Reserved bits
Must always be set to “0”
00
0
0
Reserved bit (Note 2)
Must always be set to “1”
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com