Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 72Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 73Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 74Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 75Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 76Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 77Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 78Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 79Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 76 of 269
M306V2ME-XXXFP, M306V2EEFP
Single-chip mode
Memory expansion mode
Transfer unit
Bus width
Access address
Microprocessor mode
No. of read
No. of write
No. of read No. of write
cyclescyclescyclescycles
16-bit
Even
1
1
1
1
8-bit transfers
(BYTE= “L”)
Odd
1
1
1
1
(DMBIT= “1”)
8-bit
Even
—
—
1
1
(BYTE = “H”)
Odd
—
—
1
1
16-bit
Even
1
1
1
1
16-bit transfers
(BYTE = “L”)
Odd
2
2
2
2
(DMBIT= “0”)
8-bit
Even
—
—
2
2
(BYTE = “H”)
Odd
—
—
2
2
Table 2.9.2 No. of DMAC transfer cycles
2.9.2 DMAC Transfer Cycles
Any combination of even or odd transfer read and write addresses is possible. Table 2.9.2 shows the
number of DMAC transfer cycles.
The number of DMAC transfer cycles can be calculated as follows:
No. of transfer cycles per transfer unit = No. of read cycles ✕ j + No. of write cycles ✕ k
Internal memory
External memory
Internal ROM/RAM Internal ROM/RAM SFR area
Separate busSeparate bus
Multiplex
/OSD RAM
bus
No wait
With wait
No wait
With wait
1
2
212
3
Coefficient j, k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com