Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A20112 Datasheet (PDF) - Renesas Technology Corp

A20112 Datasheet PDF - Renesas Technology Corp
Part # A20112
Download  A20112 Download
File Size   85.06 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Critical Conduction Mode Interleaved PFC Control IC

A20112 Datasheet (PDF)

Go To PDF Page Download Datasheet
A20112 Datasheet PDF - Renesas Technology Corp

Part # A20112
Download  A20112 Click to download

File Size   85.06 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Critical Conduction Mode Interleaved PFC Control IC

A20112 Datasheet (HTML) - Renesas Technology Corp


A20112 Product details

Description
The R2A20112 controls a boost converter to provide an active power factor correction.
The R2A20112 adopts critical conduction mode for power factor correction and realizes high efficiency and a low switching noise by zero current switching.
Interleaving function improve ripple current on input or output capacitor by 180 degrees phase shift.
The feedback loop open detection, two mode overvoltage protection, overcurrent protection are built in the R2A20112, and can constitute a power supply system of high reliability with few external parts.

Features
•  Maximum Ratings
⎯ Supply voltage Vcc: 24 V
⎯ Operating junction temperature Tjopr: –40 to +150°C
•  Electrical characteristics
⎯ VREF output voltage VREF: 5.0 V ±3%
⎯ UVLO operation start voltage VH: 10.5 V ±0.7 V
⎯ UVLO operation shutdown voltage VL: 9.3 V ±0.5 V
⎯ UVLO hysteresis voltage Hysuvl: 1.2 V ±0.5 V
•  Functions
⎯ Boost converter control with critical conduction mode
⎯ Interleaving control
⎯ Two mode overvoltage protection
Mode1: Dynamic OVP corresponding to a voltage rise by load change
Mode2: Static OVP corresponding to overvoltage in stable
⎯ Feedback loop open detection
⎯ Master and Slave independence overcurrent protection
⎯ 280 μs restart timer
⎯ Package lineup: Pb-free SOP-16/DILP-16*
Note:  * Not recommend for new design.




Similar Part No. - A20112

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A201120006 ETC2-A201120006 Datasheet
72Kb / 3P
Timers Delay on Operate
A201120060 ETC2-A201120060 Datasheet
72Kb / 3P
Timers Delay on Operate
A201120600 ETC2-A201120600 Datasheet
72Kb / 3P
Timers Delay on Operate
More results


Similar Description - A20112

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20118ASP RENESAS-R2A20118ASP Datasheet
102Kb / 10P
Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP Datasheet
111Kb / 9P
Critical Conduction Mode Interleaved PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP Datasheet
122Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20112SPDD RENESAS-R2A20112SPDD_15 Datasheet
330Kb / 8P
Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_15 Datasheet
111Kb / 9P
Critical Conduction Mode Interleaved PFC Control IC
R2A20118ASP RENESAS-R2A20118ASP_15 Datasheet
102Kb / 10P
Critical Conduction Mode Interleaved PFC Control IC
R2A20118ASP RENESAS-R2A20118ASP_16 Datasheet
282Kb / 10P
Critical Conduction Mode Interleaved PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP_16 Datasheet
281Kb / 13P
Critical Conduction Mode PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_16 Datasheet
272Kb / 9P
Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_V01 Datasheet
271Kb / 9P
Critical Conduction Mode Interleaved PFC Control IC
Jan 08, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com