Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD74LVC1G14 Datasheet (PDF) - Renesas Technology Corp

RD74LVC1G14 Datasheet PDF - Renesas Technology Corp
Part # RD74LVC1G14
Download  RD74LVC1G14 Download
File Size   2265.14 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Schmitt-trigger Inverter Buffer

RD74LVC1G14 Datasheet (PDF)

Go To PDF Page Download Datasheet
RD74LVC1G14 Datasheet PDF - Renesas Technology Corp

Part # RD74LVC1G14
Download  RD74LVC1G14 Click to download

File Size   2265.14 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Schmitt-trigger Inverter Buffer

RD74LVC1G14 Datasheet (HTML) - Renesas Technology Corp


RD74LVC1G14 Product details

Description
The RD74LVC1G14 has an Schmitt–trigger Inverter Buffer in a 5-pin package. Low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life.

Features
• The basic gate function is lined up as Renesas uni logic series.
• Supply voltage range : 1.65 to 5.5 V
• Operating temperature range: –40 to +85°C
• All inputs: VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs: VO (Max.) = 5.5 V (@VCC = 0 V)
• Output current: ±4 mA (@VCC = 1.65 V)
                           ±8 mA (@VCC = 2.3 V)
                           ±24 mA (@VCC = 3.0 V)
                           ±32 mA (@VCC = 4.5 V)




Similar Part No. - RD74LVC1G14

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC1G125 RENESAS-RD74LVC1G125 Datasheet
1Mb / 8P
Bus Buffer with 3-state Output
RD74LVC1G125WPE RENESAS-RD74LVC1G125WPE Datasheet
1Mb / 8P
Bus Buffer with 3-state Output
RD74LVC1G126 RENESAS-RD74LVC1G126 Datasheet
2Mb / 8P
Bus Buffer with 3-state Output
RD74LVC1G126WPE RENESAS-RD74LVC1G126WPE Datasheet
2Mb / 8P
Bus Buffer with 3-state Output
RD74LVC1G17 RENESAS-RD74LVC1G17 Datasheet
2Mb / 8P
Schmitt-trigger Buffer
More results


Similar Description - RD74LVC1G14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14 Datasheet
182Kb / 8P
Schmitt-Trigger Inverter
November, 1999 ??Rev. 1
logo
Renesas Technology Corp
HD74ALVC1G14 RENESAS-HD74ALVC1G14 Datasheet
80Kb / 10P
Schmitt-trigger Inverter Buffer
logo
E-Tech Electronics LTD
MC74VHC1G14 ETL-MC74VHC1G14 Datasheet
571Kb / 4P
Schmitt-Trigger Inverter
logo
Renesas Technology Corp
HD74LVC1G17 RENESAS-HD74LVC1G17 Datasheet
2Mb / 8P
Schmitt-trigger Buffer
logo
Leshan Radio Company
L74VHC1G14 LRC-L74VHC1G14 Datasheet
211Kb / 6P
Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AHCT3G14 UTC-U74AHCT3G14 Datasheet
186Kb / 4P
SCHMITT-TRIGGER INVERTER
logo
Renesas Technology Corp
HD74ALVC1G14 RENESAS-HD74ALVC1G14_15 Datasheet
105Kb / 12P
Schmitt-trigger Inverter Buffer
logo
Unisonic Technologies
U74AHCT3G14 UTC-U74AHCT3G14_15 Datasheet
186Kb / 4P
SCHMITT-TRIGGER INVERTER
logo
First Silicon Co., Ltd
FC74VHC1G14 FS-FC74VHC1G14 Datasheet
399Kb / 4P
Schmitt-Trigger Inverter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com