Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62465FP Datasheet (PDF) - Renesas Technology Corp

M62465FP Datasheet PDF - Renesas Technology Corp
Part # M62465FP
Download  M62465FP Download
File Size   376.62 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dolby Pro Logic Surround

M62465FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62465FP Datasheet PDF - Renesas Technology Corp

Part # M62465FP
Download  M62465FP Click to download

File Size   376.62 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dolby Pro Logic Surround

M62465FP Datasheet (HTML) - Renesas Technology Corp


M62465FP Product details

Description
The M62465FP is a single chip LSI supporting the Dolby Pro Logic surround. This LSI contains all functions necessary for Dolby Pro Logic surround. In addition, it has Digital Space Surround functions (Disco, Hall, Live mode etc.) and echo function for karaoke.

Note: Use of this LSI requires the license of Dolby Laboratories Licensing Corporation Dolby and the double-D symbol are trademarks of Dolby Laboratories Licensing Corporation. San Francisco, CA94103-4813, USA.
This device available only to licensees of Dolby Lab. Licensing and application information may be obtained from Dolby Lab.

Features (Mode)
• Upper compatible for M62460FP and less external parts than M62460FP.
• Includes all functions requires for Dolby Pro Logic Surround.
   - Adaptive Matrix.
   - Noise Sequencer by digital noise source and switched capacitor filter.
   - Center Mode Control (Wide/Normal/PHANTOM/OFF).
   - Modified Dolby B Type Noise Reduction.
   - 4ch/3ch Stereo Selectable.
   - Digital Delay: 15.4, 20, 28.6 ms for Dolby Pro Logic Surround.
• C/Sch Trimmer: 0 to −31 dB/1 dB Step.
• Digital Space Surround Mode: Disco/Hall/Live mode and 5 delay time positions.
• Digital Echo function for KARAOKE: (Short echo) Delay time = 147.5 ms, (Long echo) Delay time = 196.6 ms.
• BY-PASS Mode: Input signal through output.




Similar Part No. - M62465FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62465FP MITSUBISHI-M62465FP Datasheet
7Mb / 24P
Dolby Pro Logic Surround
More results


Similar Description - M62465FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62462FP MITSUBISHI-M62462FP Datasheet
112Kb / 13P
Dolby Pro Logic Surround Decoder
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
Dolby Pro Logic Surround Decoder
M62465FP MITSUBISHI-M62465FP Datasheet
7Mb / 24P
Dolby Pro Logic Surround
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER
NJW1102A NJRC-NJW1102A Datasheet
158Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER?
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
DOLBY PRO LOGIC SURROUND DECODER
NJW1106 NJRC-NJW1106 Datasheet
150Kb / 6P
DOLBY PRO LOGIC SURROUND DECODER
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
Dolby Pro Logic Surround Decoder
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
Dolby Pro Logic Surround Decoder
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com