Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404334 Datasheet (PDF) - Renesas Technology Corp

HD404334 Datasheet PDF - Renesas Technology Corp
Part # HD404334
Download  HD404334 Download
File Size   321.42 Kbytes
Page   80 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description microcomputer with large-capacity memory designed to

HD404334 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD404334 Datasheet PDF - Renesas Technology Corp

Part # HD404334
Download  HD404334 Click to download

File Size   321.42 Kbytes
Page   80 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description microcomputer with large-capacity memory designed to

HD404334 Datasheet (HTML) - Renesas Technology Corp


HD404334 Product details

Description

The HD404339 Series is 4-bit HMCS400-Series microcomputer with large-capacity memory designed to increase program productivity. Each microcomputer has an A/D converter, input capture timer, and a 32-kHz oscillator circuit for clock use all built in. They also come with high-voltage I/O pins that can directly drive a fluorescent display.



Features

•  54 I/O pins

 One input-only pin

 53 input/output pins: 30 pins are high-voltage pins (40 V, max.)

•  On-chip A/D converter (8-bit ×12-channel)

•  Three timers

 One event counter input

 One timer output

 One input capture timer

•  8-bit clock-synchronous serial interface (1 channel)

•  Alarm output

•  Built-in oscillators

 Ceramic or crystal oscillator

 External clock drive is also possible

 Subclock: 32.768-kHz crystal oscillator

•  Seven interrupt sources

 Two by external sources

 Three by timers

 One each by the A/D converter and serial interface

•  Four low-power dissipation modes

 Standby mode

 Stop mode

 Watch mode

 Subactive mode

•  Instruction cycle time: 1 µs (fOSC= 4 MHz, 1/4 division ratio)

 1/4, 1/8, 1/16, 1/32 system clock division ratio can be selected




Similar Part No. - HD404334

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404334 HITACHI-HD404334 Datasheet
337Kb / 78P
4-bit HMCS400-Series microcomputer with large-capacity memory
HD404334FS HITACHI-HD404334FS Datasheet
337Kb / 78P
4-bit HMCS400-Series microcomputer with large-capacity memory
HD404334S HITACHI-HD404334S Datasheet
337Kb / 78P
4-bit HMCS400-Series microcomputer with large-capacity memory
More results


Similar Description - HD404334

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05M6 MOTOROLA-MC68HC05M6 Datasheet
67Kb / 2P
microcomputer unit with VFD drive capacity
logo
Hitachi Semiconductor
HD404339 HITACHI-HD404339 Datasheet
337Kb / 78P
4-bit HMCS400-Series microcomputer with large-capacity memory
HD404054 HITACHI-HD404054 Datasheet
395Kb / 101P
HMCS400-series microcomputers designed to increase program productivity with large-capacity memory
logo
Renesas Technology Corp
HD404054 RENESAS-HD404054 Datasheet
381Kb / 103P
microcomputer designed to increase program productivity
HD404318 RENESAS-HD404318 Datasheet
305Kb / 68P
microcomputer designed to increase program productivity
HD404328 RENESAS-HD404328 Datasheet
311Kb / 96P
microcomputer designed to increase program productivity
logo
Inchange Semiconductor ...
2SA1507 ISC-2SA1507 Datasheet
114Kb / 2P
Large Current Capacity
logo
CIT Relay & Switch
A3F1CSQ24VDC2 CIT-A3F1CSQ24VDC2 Datasheet
139Kb / 4P
Large switching capacity up to 80A
A21CSQ12VDC1.6 CIT-A21CSQ12VDC1.6 Datasheet
141Kb / 3P
Large switching capacity up to 40A
logo
Toshiba Semiconductor
MQ03ABBXXX TOSHIBA-MQ03ABBXXX Datasheet
93Kb / 2P
LARGE CAPACITY HDD FOR EXTERNAL STORAGE
Rev. 00
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com