Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH806 Datasheet (PDF) - STMicroelectronics

STTH806 Datasheet PDF - STMicroelectronics
Part # STTH806
Download  STTH806 Download
File Size   58.26 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TURBOSWITCHO Tandem 600V ULTRA-FAST BOOST DIODE

STTH806 Datasheet (PDF)

Go To PDF Page Download Datasheet
STTH806 Datasheet PDF - STMicroelectronics

Part # STTH806
Download  STTH806 Click to download

File Size   58.26 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TURBOSWITCHO Tandem 600V ULTRA-FAST BOOST DIODE

STTH806 Datasheet (HTML) - STMicroelectronics


STTH806 Product details

DESCRIPTION
The TURBOSWITCH "H" is an ultra high performance diode composed of two 300V dice in series. TURBOSWITCH "H" family drastically cuts losses in the associated MOSFET when run at high dIF/dt.

FEATURES AND BENEFITS
■ ESPECIALLY SUITED AS BOOST DIODE IN
   CONTINUOUS MODE POWER FACTOR
   CORRECTORS AND HARD SWITCHING
   CONDITIONS.
■ DESIGNED FOR HIGH DI/DT OPERATION.
■ ULTRA-FAST RECOVERY CURRENT TO
   COMPETE WITH GaAs DEVICES. SIZE
   DIMINUTION OF MOSFET AND HEATSINKS
   ALLOWED.
■ INTERNAL CERAMIC INSULATED PACKAGE
   ALLOWS FLEXIBLE HEATSINKING ON
   COMMON OR SEPARATE HEATSINK.
■ MATCHED DIODES FOR TYPICAL PFC
   APPLICATION WITHOUT VOLTAGE BALANCE
   NETWORK.
■ INSULATED VERSION: :
   Insulated voltage = 2500 V(RMS)
   Capacitance = 7 pF




Similar Part No. - STTH806

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH806 STMICROELECTRONICS-STTH806 Datasheet
131Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
10-Aug-2006
STTH806D STMICROELECTRONICS-STTH806D Datasheet
131Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
10-Aug-2006
logo
Zibo Seno Electronic En...
STTH806D ZSELEC-STTH806D Datasheet
100Kb / 2P
8.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
STMicroelectronics
STTH806DIRG STMICROELECTRONICS-STTH806DIRG Datasheet
131Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
10-Aug-2006
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
42Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
More results


Similar Description - STTH806

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1506DPI STMICROELECTRONICS-STTH1506DPI Datasheet
72Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
October 2003 - Ed: 2A
STTH3006DPI STMICROELECTRONICS-STTH3006DPI Datasheet
68Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH506DTI STMICROELECTRONICS-STTH506DTI Datasheet
50Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
42Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH806DTI STMICROELECTRONICS-STTH806DTI_05 Datasheet
68Kb / 6P
Tandem 600V HYPERFAST BOOST DIODE
29-Jun-2005
STTH806DTI STMICROELECTRONICS-STTH806DTI_07 Datasheet
88Kb / 7P
Tandem 600 V hyperfast boost diode
11-Jul-2007
STTH12T06 STMICROELECTRONICS-STTH12T06 Datasheet
273Kb / 9P
600 V tandem extra fast diode
13-May-2013
logo
Thinki Semiconductor Co...
U20C20D THINKISEMI-U20C20D Datasheet
605Kb / 2P
Dual Doubler Tandem Ultra Fast Recovery Diodes
STTH1506DPI THINKISEMI-STTH1506DPI Datasheet
5Mb / 5P
ThinkiSemi 15A,600V(2x300V) Dual Tandem Structure Ultra Fast Recovery Rectifiers
STTH1506TPI THINKISEMI-STTH1506TPI Datasheet
5Mb / 5P
ThinkiSemi 15A,600V(2x300V) Dual Tandem Structure Ultra Fast Recovery Rectifiers
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com