Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH806 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH806
Description  TURBOSWITCHO Tandem 600V ULTRA-FAST BOOST DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH806 Datasheet(HTML) 2 Page - STMicroelectronics

  STTH806 Datasheet HTML 1Page - STMicroelectronics STTH806 Datasheet HTML 2Page - STMicroelectronics STTH806 Datasheet HTML 3Page - STMicroelectronics STTH806 Datasheet HTML 4Page - STMicroelectronics STTH806 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage
current
VR = VRRM
Tj = 25
°C
10
µA
Tj = 125
°C
15
100
VF **
Forward voltage drop
IF = 8 A
Tj = 25
°C
3.6
V
Tj = 125
°C
2.1
2.6
Pulse test : * tp = 5 ms,
δ < 2 %
** tp = 380
µs, δ < 2%
To evaluate the maximum conduction losses use the following equation :
P = 1.8 x IF(AV) + 0.1 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (for both diodes)
Symbol
Parameter
Test conditions
Value
Unit
Rth (j-c)
Junction to case thermal resistance
Per diode
5
°C/W
Rth (c)
Coupling
0.2
Rth (j-c)
Junction to case thermal resistance
Total
2.6
P1
Conduction power dissipation for
both diodes
IF(AV) = 8 A
δ = 0.5
Tc = 80°C
27
W
THERMAL AND POWER DATA
Symbol
Tests Conditions
Min.
Typ.
Max.
Unit
trr
IF = 0.5 A
Irr = 0.25 A
IR = 1 A
Tj = 25
°C
13
ns
IF = 1 A
dIF/dt = - 50 A/
µs
VR = 30 V
30
IRM
VR = 400 V IF = 8 A dIF/dt = -200 A/
µs
Tj = 125°C
45.5
A
Sfactor
0.4
-
RECOVERY CHARACTERISTICS
Symbol
Tests Conditions
Min.
Typ.
Max.
Unit
tfr
IF = 8 A dIF/dt = 100 A/
µs,
measured at 1.1 x VF max
Tj = 25°C
200
ns
VFP
IF = 8 A dIF/dt = 100 A/
µs
Tj = 25
°C
7V
TURN-ON SWITCHING CHARACTERISTICS
STTH806TTI
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com