Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH806 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH806
Description  TURBOSWITCHO Tandem 600V ULTRA-FAST BOOST DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH806 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH806 Datasheet HTML 1Page - STMicroelectronics STTH806 Datasheet HTML 2Page - STMicroelectronics STTH806 Datasheet HTML 3Page - STMicroelectronics STTH806 Datasheet HTML 4Page - STMicroelectronics STTH806 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STTH806TTI
November 1999 - Ed: 3A
TURBOSWITCH
™ Tandem 600V ULTRA-FAST BOOST DIODE
®
The
TURBOSWITCH
"H"
is
an
ultra
high
performance diode composed of two 300V dice
in series. TURBOSWITCH "H" family drastically
cuts losses in the associated MOSFET when run at
high dIF/dt.
DESCRIPTION
ESPECIALLY SUITED AS BOOST DIODE IN
CONTINUOUS
MODE
POWER
FACTOR
CORRECTORS
AND
HARD
SWITCHING
CONDITIONS.
DESIGNED FOR HIGH DI/DT OPERATION.
ULTRA-FAST
RECOVERY
CURRENT
TO
COMPETE
WITH
GaAs
DEVICES.
SIZE
DIMINUTION OF MOSFET AND HEATSINKS
ALLOWED.
INTERNAL CERAMIC INSULATED PACKAGE
ALLOWS
FLEXIBLE
HEATSINKING
ON
COMMON OR SEPARATE HEATSINK.
MATCHED
DIODES
FOR
TYPICAL
PFC
APPLICATION WITHOUT VOLTAGE BALANCE
NETWORK.
INSULATED VERSION: :
Insulated voltage = 2500 V(RMS)
Capacitance = 7 pF
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS)
RMS forward current
14
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
80
A
Tstg
Storage temperature range
-65 +150
°C
Tj
Maximum operating junction temperature
+ 150
°C
ABSOLUTE RATINGS (limiting values for both diodes in series)
IF(AV)
8 A
VRRM
600 V (in series)
Tj (max)
150 °C
VF (max)
2.6 V
IRM (typ.)
4 A
MAJOR PRODUCTS CHARACTERISTICS
1
2
3
12
3
Insulated TO-220AB
TM: TURBOSWITCH is a trademark of STMicroelectronics
1/5


Similar Part No. - STTH806

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH806 STMICROELECTRONICS-STTH806 Datasheet
131Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
10-Aug-2006
STTH806D STMICROELECTRONICS-STTH806D Datasheet
131Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
10-Aug-2006
logo
Zibo Seno Electronic En...
STTH806D ZSELEC-STTH806D Datasheet
100Kb / 2P
8.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
STMicroelectronics
STTH806DIRG STMICROELECTRONICS-STTH806DIRG Datasheet
131Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
10-Aug-2006
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
42Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
More results

Similar Description - STTH806

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1506DPI STMICROELECTRONICS-STTH1506DPI Datasheet
72Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
October 2003 - Ed: 2A
STTH3006DPI STMICROELECTRONICS-STTH3006DPI Datasheet
68Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH506DTI STMICROELECTRONICS-STTH506DTI Datasheet
50Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
42Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH806DTI STMICROELECTRONICS-STTH806DTI_05 Datasheet
68Kb / 6P
Tandem 600V HYPERFAST BOOST DIODE
29-Jun-2005
STTH806DTI STMICROELECTRONICS-STTH806DTI_07 Datasheet
88Kb / 7P
Tandem 600 V hyperfast boost diode
11-Jul-2007
STTH12T06 STMICROELECTRONICS-STTH12T06 Datasheet
273Kb / 9P
600 V tandem extra fast diode
13-May-2013
logo
Thinki Semiconductor Co...
U20C20D THINKISEMI-U20C20D Datasheet
605Kb / 2P
Dual Doubler Tandem Ultra Fast Recovery Diodes
STTH1506DPI THINKISEMI-STTH1506DPI Datasheet
5Mb / 5P
ThinkiSemi 15A,600V(2x300V) Dual Tandem Structure Ultra Fast Recovery Rectifiers
STTH1506TPI THINKISEMI-STTH1506TPI Datasheet
5Mb / 5P
ThinkiSemi 15A,600V(2x300V) Dual Tandem Structure Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com