Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAH-XXXSP Datasheet (PDF) - Renesas Technology Corp

MAH-XXXSP Datasheet PDF - Renesas Technology Corp
Part # MAH-XXXSP
Download  MAH-XXXSP Download
File Size   1166.13 Kbytes
Page   112 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER

MAH-XXXSP Datasheet (PDF)

Go To PDF Page Download Datasheet
MAH-XXXSP Datasheet PDF - Renesas Technology Corp

Part # MAH-XXXSP
Download  MAH-XXXSP Click to download

File Size   1166.13 Kbytes
Page   112 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER

MAH-XXXSP Datasheet (HTML) - Renesas Technology Corp


MAH-XXXSP Product details

DESCRIPTION
The M37221M4H/M6H/M8H/MAH-XXXSP/FP are single-chip microcomputers designed with CMOS silicon gate technology. They have a OSD, I2C-BUS interface, and PWM, making them perfect for TV channel selection system.
The M37221EASP/FP have a built-in PROM that can be written electrically.

FEATURES
●Number of basic instructions ..................................................... 71
●Memory size
   ROM ............. 16K bytes (M37221M4H-XXXSP/FP)
                    24K bytes (M37221M6H-XXXSP/FP)
                    32K bytes (M37221M8H-XXXSP/FP)
                    40K bytes(M37221MAH-XXXSP/FP, M37221EASP/FP)
   RAM ............. 384 bytes (M37221M4H-XXXSP/FP)
                    448 bytes (M37221M6H-XXXSP/FP)
                    576 bytes (M37221M8H-XXXSP/FP)
                    704 bytes(M37221MAH-XXXSP/FP, M37221EASP/FP)
                    (ROM correction memory included)
●The minimum instruction execution time ......................................... 0.5 µs (at 8 MHz oscillation frequency)
●Power source voltage .................................................. 5 V ± 10 %
●Subroutine nesting
   maximum 96 levels (M37221M4H/M6H-XXXSP/FP)
   maximum 128 levels (M37221M8H/MAH-XXXSP/FP, M37221EASP/FP)
●Interrupts ........................................................ 14 types, 14 vectors
●8-bit timers ................................................................................... 4
●Programmable I/O ports (Ports P0, P1, P2, P30–P32) ..................................................... 27
●Input ports (Ports P33, P34) ......................................................... 2
●Output ports (Ports P52–P55) ...................................................... 4
●LED drive ports ............................................................................ 4
●Serial I/O ............................................................. 8-bit ✕ 1 channel
●Multi-master I2C-BUS interface ............................... 1 (2 systems)
●A-D comparator (6-bit resolution) ................................. 6 channels
●D-A converter (6-bit resolution) .................................................... 2
   Note: Only M37221EASP/FP has D-A converter.
●PWM output circuit ..........................................14-bit ✕ 1, 8-bit ✕ 6
●Power dissipation .............................. High-speed mode : 165 mW (at VCC=5.5V, 8 MHz oscillation frequency, and OSD on)
●ROM correction function ................................................. 2 vectors
●OSD function
Display characters .................................... 24 characters 5 2 lines
                                                (3 lines or more can be displayed by software)
Kinds of characters ........................................................ 256 kinds
Character display area ..............................................12 ✕16 dots
Kinds of character sizes ..................................................... 3 kinds
Kinds of character colors .................................. 8 colors (R, G, B)
Coloring unit ................... character, character background, raster
Display position .............................................................................Horizontal: 64 levels Vertical: 128 levels
Attribute .............................................................................. border

APPLICATION
TV




Similar Part No. - MAH-XXXSP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MAH-121 MSYSTEM-MAH-121 Datasheet
137Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAH-123 MSYSTEM-MAH-123 Datasheet
137Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAH-221 MSYSTEM-MAH-221 Datasheet
137Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAH-223 MSYSTEM-MAH-223 Datasheet
137Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Similar Description - MAH-XXXSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37103M4 MITSUBISHI-M37103M4 Datasheet
2Mb / 46P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37212M4 RENESAS-M37212M4 Datasheet
1Mb / 120P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com