Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR1AM-12 Datasheet (PDF) - Renesas Technology Corp

BCR1AM-12 Datasheet PDF - Renesas Technology Corp
Part # BCR1AM-12
Download  BCR1AM-12 Download
File Size   136.08 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac Low Power Use

BCR1AM-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR1AM-12 Datasheet PDF - Renesas Technology Corp

Part # BCR1AM-12
Download  BCR1AM-12 Click to download

File Size   136.08 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac Low Power Use

BCR1AM-12 Datasheet (HTML) - Renesas Technology Corp


BCR1AM-12 Product details

Features
• IT (RMS) : 1 A
• VDRM : 600 V
• IFGTI , IRGTI, IRGTⅢ : 5 mA (3 mA)Note5
• IFGTⅢ : 10 mA
• Non-Insulated Type
• Glass Passivation Type

Applications
    Contactless AC switch, fan motor, rice-cooker, electric pot, air cleaner, heater, refrigerator, washing machine, electric fan, vending machine, trigger circuit for low and medium triac, and other general purpose control applications




Similar Part No. - BCR1AM-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR1AM-12 MITSUBISHI-BCR1AM-12 Datasheet
106Kb / 5P
LOW POWER USE GLASS PASSIVATION TYPE
logo
Powerex Power Semicondu...
BCR1AM-12 POWEREX-BCR1AM-12 Datasheet
70Kb / 4P
Lead-Mount Triac 1 Ampere/400-600 Volts
logo
Apollo Electron Co., Lt...
BCR1AM-12 APOLLOELECTRON-BCR1AM-12 Datasheet
1Mb / 6P
Sensitive Triac
logo
Renesas Technology Corp
BCR1AM-12A RENESAS-BCR1AM-12A Datasheet
82Kb / 5P
Triac Low Power Use
BCR1AM-12A RENESAS-BCR1AM-12A Datasheet
91Kb / 7P
Triac Low Power Use
More results


Similar Description - BCR1AM-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR08AM-12 RENESAS-BCR08AM-12 Datasheet
134Kb / 7P
Triac Low Power Use
BCR08AS-12 RENESAS-BCR08AS-12 Datasheet
146Kb / 8P
Triac Low Power Use
BCR08AM-12A RENESAS-BCR08AM-12A Datasheet
114Kb / 7P
Triac Low Power Use
BCR08AM-14A RENESAS-BCR08AM-14A Datasheet
116Kb / 7P
Triac Low Power Use
BCR08AS-12A RENESAS-BCR08AS-12A Datasheet
142Kb / 8P
Triac Low Power Use
BCR3KM-14L RENESAS-BCR3KM-14L Datasheet
140Kb / 8P
Triac Low Power Use
BCR3PM-12L RENESAS-BCR3PM-12L Datasheet
121Kb / 7P
Triac Low Power Use
BCR2PM-12 RENESAS-BCR2PM-12 Datasheet
120Kb / 7P
Triac Low Power Use
BCR2PM-12RE RENESAS-BCR2PM-12RE Datasheet
81Kb / 7P
Triac Low Power Use
BCR3AS-12A RENESAS-BCR3AS-12A_15 Datasheet
131Kb / 9P
Triac Low Power Use
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com