Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7269 Datasheet (PDF) - STMicroelectronics

TDA7269 Datasheet PDF - STMicroelectronics
Part # TDA7269
Download  TDA7269 Download
File Size   54.37 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1010W STEREO AMPLIFIER WITH MUTE & ST-BY

TDA7269 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7269 Datasheet PDF - STMicroelectronics

Part # TDA7269
Download  TDA7269 Click to download

File Size   54.37 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1010W STEREO AMPLIFIER WITH MUTE & ST-BY

TDA7269 Datasheet (HTML) - STMicroelectronics


TDA7269 Product details

DESCRIPTION
The TDA7269 is class AB dual Audio power amplifier assembled in the Multiwatt package, specially designed for high quality sound application as Hi-Fi music centers and stereo TV sets.

■ WIDE SUPPLY VOLTAGE RANGE UP TO ±20V
■ SPLIT SUPPLY
■ HIGH OUTPUT POWER
   10 + 10W @ THD =10%, RL = 8Ω, VS = +14V
■ NO POP AT TURN-ON/OFF
■ MUTE (POP FREE)
■ STAND-BY FEATURE (LOW Iq)
■ THERMAL OVERLOAD PROTECTION
■ SHORT CIRCUIT PROTECTION TO GND




Similar Part No. - TDA7269

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7269 UTC-TDA7269 Datasheet
244Kb / 7P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269 UTC-TDA7269 Datasheet
224Kb / 8P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7269A STMICROELECTRONICS-TDA7269A Datasheet
54Kb / 7P
1414W STEREO AMPLIFIER WITH MUTE & ST-BY
Jul-1998
TDA7269A STMICROELECTRONICS-TDA7269A Datasheet
157Kb / 9P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Jun-2003
TDA7269ASA STMICROELECTRONICS-TDA7269ASA Datasheet
205Kb / 11P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Sep-2004
More results


Similar Description - TDA7269

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7264 STMICROELECTRONICS-TDA7264 Datasheet
189Kb / 12P
2525W STEREO AMPLIFIER WITH MUTE/ST-BY
1999-Apr
TDA7265 STMICROELECTRONICS-TDA7265 Datasheet
157Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
1998-Jul
TDA7269A STMICROELECTRONICS-TDA7269A Datasheet
54Kb / 7P
1414W STEREO AMPLIFIER WITH MUTE & ST-BY
Jul-1998
TDA7499 STMICROELECTRONICS-TDA7499 Datasheet
70Kb / 7P
6 6W STEREO AMPLIFIER WITH MUTE & ST-BY
May-1997
TDA7497 STMICROELECTRONICS-TDA7497 Datasheet
107Kb / 7P
10 10W STEREO AMPLIFIER WITH MUTE/ST-BY
Sep-1995
TDA7269SA STMICROELECTRONICS-TDA7269SA Datasheet
200Kb / 11P
10W10W STEREO AMPLIFIER WITH MUTE & ST-BY
Sep-2004
TDA7265SA STMICROELECTRONICS-TDA7265SA Datasheet
362Kb / 12P
18W18W STEREO AMPLIFIER WITH MUTE & ST-BY
Jul-2004
TDA7269ASA STMICROELECTRONICS-TDA7269ASA Datasheet
205Kb / 11P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Sep-2004
TDA7269A STMICROELECTRONICS-TDA7269A_03 Datasheet
157Kb / 9P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Jun-2003
TDA7265A STMICROELECTRONICS-TDA7265A Datasheet
400Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
Apr-2002
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com