Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7575 Datasheet (PDF) - STMicroelectronics

TDA7575 Datasheet PDF - STMicroelectronics
Part # TDA7575
Download  TDA7575 Download
File Size   193.66 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS

TDA7575 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7575 Datasheet PDF - STMicroelectronics

Part # TDA7575
Download  TDA7575 Click to download

File Size   193.66 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS

TDA7575 Datasheet (HTML) - STMicroelectronics


TDA7575 Product details

DESCRIPTION
The TDA7575 is a new BCD technology DUAL BRIDGE type of car radio amplifier in PowerSO36 package specially intended for car radio applications.
   
■ DMOS POWER OUTPUT
■ NON-SWITCHING HI-EFFICIENCY
■ SINGLE-CHANNEL 1Ω DRIVING CAPABILITY
■ HIGH OUTPUT POWER CAPABILITY 2x28W/
    4Ω @ 14.4V, 1KHZ, 10% THD, 2x40W/4Ω EIAJ
■ MAX. OUTPUT POWER 2x75W/2Ω, 1x150W/1Ω
■ SINGLE-CHANNEL 1Ω DRIVING CAPABILITY
    – 84W UNDISTORTED POWER
    – FULL I2C BUS DRIVING WITH 4 ADDRESS
        POSSIBILITIES:
    – ST-BY, PLAY/MUTE, GAIN 12/26dB, FULL
        DIGITAL DIAGNOSTIC
■ POSSIBILITY TO DISABLE THE I2C
■ DIFFERENTAL INPUTS
■ FULL FAULT PROTECTION
■ DC OFFSET DETECTION
■ TWO INDEPENDENT SHORT CIRCUIT
    PROTECTIONS
■ CLIPPING DETECTOR PIN WITH
    SELECTABLE THRESHOLD (2%/10%)
■ ST-BY/MUTE PINS
   




Similar Part No. - TDA7575

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7575B STMICROELECTRONICS-TDA7575B Datasheet
521Kb / 32P
2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
30-Oct-2007
TDA7575B STMICROELECTRONICS-TDA7575B Datasheet
399Kb / 32P
2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
17-Sep-2013
TDA7575BPD STMICROELECTRONICS-TDA7575BPD Datasheet
521Kb / 32P
2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
30-Oct-2007
TDA7575BPD STMICROELECTRONICS-TDA7575BPD Datasheet
399Kb / 32P
2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
17-Sep-2013
TDA7575BPDTR STMICROELECTRONICS-TDA7575BPDTR Datasheet
521Kb / 32P
2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
30-Oct-2007
More results


Similar Description - TDA7575

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7561 STMICROELECTRONICS-TDA7561 Datasheet
232Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Dec-2002
TDA7562 STMICROELECTRONICS-TDA7562 Datasheet
200Kb / 17P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7563 STMICROELECTRONICS-TDA7563 Datasheet
245Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7564 STMICROELECTRONICS-TDA7564 Datasheet
248Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
226Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7575PD STMICROELECTRONICS-TDA7575PD Datasheet
536Kb / 17P
MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS
Mar-2004
TDA7563PD STMICROELECTRONICS-TDA7563PD Datasheet
223Kb / 21P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Apr-2004
TDA7575B STMICROELECTRONICS-TDA7575B Datasheet
521Kb / 32P
2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
30-Oct-2007
TDA7563A STMICROELECTRONICS-TDA7563A Datasheet
526Kb / 35P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
07-Feb-2008
TDA7566 STMICROELECTRONICS-TDA7566_06 Datasheet
395Kb / 28P
4x40W multifunction quad power amplifier with built-in diagnostics features
18-Dec-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com