Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7575 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7575
Description  MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7575 Datasheet HTML 1Page - STMicroelectronics TDA7575 Datasheet HTML 2Page - STMicroelectronics TDA7575 Datasheet HTML 3Page - STMicroelectronics TDA7575 Datasheet HTML 4Page - STMicroelectronics TDA7575 Datasheet HTML 5Page - STMicroelectronics TDA7575 Datasheet HTML 6Page - STMicroelectronics TDA7575 Datasheet HTML 7Page - STMicroelectronics TDA7575 Datasheet HTML 8Page - STMicroelectronics TDA7575 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TDA7575
2/17
PIN CONNECTION (Top view)
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
Symbol
Parameter
Value
Unit
Vop
Operating Supply Voltage
18
V
VS
DC Supply Voltage
28
V
Vpeak
Peak Supply Voltage (for t = 50ms)
50
V
VCK
CK pin Voltage
6
V
VDATA
Data Pin Voltage
6
V
IO
Output Peak Current (not repetitive t = 100ms)
8
A
IO
Output Peak Current (repetitive f > 10Hz)
6
A
Ptot
Power Dissipation Tcase = 70°C
86
W
Tstg, Tj
Storage and Junction Temperature
-55 to 150
°C
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Max
1
°C/W
TAB
18
16
17
15
6
5
4
3
2
21
22
31
32
33
35
34
36
20
1
19
OUT2+
D01AU1270
9
8
7
28
29
30
10
27
14
12
11
23
25
26
13
24
IN2+
IN2-
I2C-EN
CD-OUT
1-OHM
ST_BY
MUTE
IN1-
IN1+
SVR
N.C.
N.C.
N.C.
N.C.
SGND
CK
DATA
OUT1+
OUT1+
VCC
PWGND
A
PWGND
VCC
VCC
OUT2+
OUT1-
OUT2-
OUT2-
OUT1-
VCC
PWGND
PWGND
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com