Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7575 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7575
Description  MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7575 Datasheet HTML 9Page - STMicroelectronics TDA7575 Datasheet HTML 10Page - STMicroelectronics TDA7575 Datasheet HTML 11Page - STMicroelectronics TDA7575 Datasheet HTML 12Page - STMicroelectronics TDA7575 Datasheet HTML 13Page - STMicroelectronics TDA7575 Datasheet HTML 14Page - STMicroelectronics TDA7575 Datasheet HTML 15Page - STMicroelectronics TDA7575 Datasheet HTML 16Page - STMicroelectronics TDA7575 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13/17
TDA7575
The information related to the outputs status is read and memorized at the end of the current pulse top. The
acquisition time is 100 ms (typ.). No audible noise is generated in the process. As for SHORT TO GND / Vs the
fault-detection thresholds remain unchanged from 26 dB to 12 dB gain setting. They are as follows:
Concerning SHORT ACROSS THE SPEAKER / OPEN SPEAKER, the threshold varies from 26 dB to 12 dB
gain setting, since different loads are expected (either normal speaker's impedance or high impedance). The
values in case of 26 dB gain are as follows:
If the Line-Driver mode (Gv= 12 dB and Line Driver Mode diagnostic = 1) is selected, the same thresholds will
change as follows:
b) PERMANENT DIAGNOSTICS.
Detectable conventional faults are:
–SHORT TO GND
–SHORT TO Vs
– SHORT ACROSS THE SPEAKER
The following additional features are provided:
– OUTPUT OFFSET DETECTION
The TDA7575 has 2 operating statuses:
1) RESTART mode. The diagnostic is not enabled. Each audio channel operates independently from each oth-
er. If any of the a.m. faults occurs, only the channel(s) interested is shut down. A check of the output status is
made every 1 ms (fig. G). Restart takes place when the overload is removed.
2) DIAGNOSTIC mode. It is enabled via I
2C bus and self activates if an output overload (such to cause the in-
tervention of the short-circuit protection) occurs to the speakers outputs . Once activated, the diagnostics pro-
cedure develops as follows (fig. H):
– To avoid momentary re-circulation spikes from giving erroneous diagnostics, a check of the output
status is made after 1ms: if normal situation (no overloads) is detected, the diagnostic is not per-
formed and the channel returns back active.
– Instead, if an overload is detected during the check after 1 ms, then a diagnostic cycle having a du-
ration of about 100 ms is started.
– After a diagnostic cycle, the audio channel interested by the fault is switched to RESTART mode. The
D02AU1341
S.C. to GND
x
S.C. to Vs
0V
1.8V
VS-1.5V
VS
x
Normal Operation
1.2V
VS-0.9V
S.C. across Load
x
Open Load
0V
1.5
70
Infinite
x
Normal Operation
0.5
130
D01AU1254
D01AU1252
S.C. across Load
x
Open Load
0
4.5
200
infinite
x
Normal Operation
1.5
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com