Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6KA12A Datasheet (PDF) - Vishay Siliconix

P6KA12A Datasheet PDF - Vishay Siliconix
Part # P6KA12A
Download  P6KA12A Download
File Size   101.96 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Transient Voltage Suppressors

P6KA12A Datasheet (PDF)

Go To PDF Page Download Datasheet
P6KA12A Datasheet PDF - Vishay Siliconix

Part # P6KA12A
Download  P6KA12A Click to download

File Size   101.96 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Transient Voltage Suppressors

P6KA12A Datasheet (HTML) - Vishay Siliconix


P6KA12A Product details

Features
• Designed for under the hood applications
• Plastic package has Underwriters Laboratory Flammability Classification 94V-0
• Exclusive patented PAR® oxide passivated chip construction
• 600W peak pulse power surge capability with a 10/1000ms waveform repetition rate (duty cycle): 0.01%
• Excellent clamping capability
• Low incremental surge resistance
• Very fast response time
• For devices with V(BR)≥10V, ID are typically less than 1.0mA
• High temperature soldering guaranteed: 300°C/10 seconds, 0.375" (9.5mm) lead length, 5lbs. (2.3kg) tension




Similar Part No. - P6KA12A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KA12A VISHAY-P6KA12A Datasheet
29Kb / 3P
Automotive Transient Voltage Suppressors
06-May-02
P6KA12A VISHAY-P6KA12A Datasheet
86Kb / 5P
PAR Transient Voltage Suppressors
09-Feb-11
More results


Similar Description - P6KA12A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KA6.8 VISHAY-1.5KA6.8 Datasheet
67Kb / 3P
Automotive Transient Voltage Suppressors
08-Oct-02
P6KA VISHAY-P6KA Datasheet
29Kb / 3P
Automotive Transient Voltage Suppressors
06-May-02
1.5KA30A VISHAY-1.5KA30A Datasheet
39Kb / 3P
Automotive Transient Voltage Suppressors
08-Oct-02
P4KA6.8 VISHAY-P4KA6.8 Datasheet
36Kb / 3P
Automotive Transient Voltage Suppressors
03-May-02
6KA24 VISHAY-6KA24 Datasheet
94Kb / 4P
Automotive Transient Voltage Suppressors
20-Oct-08
1.5KA6.8 VISHAY-1.5KA6.8_08 Datasheet
102Kb / 5P
Automotive Transient Voltage Suppressors
20-Oct-08
P4KA6.8 VISHAY-P4KA6.8_08 Datasheet
99Kb / 5P
Automotive Transient Voltage Suppressors
21-Oct-08
logo
Shenzhen Taychipst Elec...
TMPG06-6.8 TAYCHIPST-TMPG06-6.8 Datasheet
13Mb / 3P
Automotive Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SM8S33 LUGUANG-SM8S33 Datasheet
81Kb / 4P
Automotive Transient Voltage Suppressors
SM5S10 LUGUANG-SM5S10 Datasheet
49Kb / 3P
Automotive Transient Voltage Suppressors
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com