Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6KA12A Datasheet (PDF) - Vishay Siliconix

P6KA12A Datasheet PDF - Vishay Siliconix
Part # P6KA12A
Download  P6KA12A Download
File Size   29.13 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Transient Voltage Suppressors

P6KA12A Datasheet (PDF)

Go To PDF Page Download Datasheet
P6KA12A Datasheet PDF - Vishay Siliconix

Part # P6KA12A
Download  P6KA12A Click to download

File Size   29.13 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Transient Voltage Suppressors

P6KA12A Datasheet (HTML) - Vishay Siliconix


P6KA12A Product details

PAR® Transient Voltage Suppressors

High Temperature Stability and High Reliability Conditions



FEATURES

• Junction passivation optimized design passivated anisotropic rectifier technology

• TJ = 185 °C capability suitable for high reliability and automotive requirement

• Available in uni-directional polarity only

• 600 W peak pulse power capability with a 10/1000 µs waveform, repetitive rate (duty cycle): 0.01 %

• Excellent clamping capability

• Very fast response time

• Low incremental surge resistance

• Solder dip 275 °C max. 10 s, per JESD 22-B106

• AEC-Q101 qualified

• Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC



TYPICAL APPLICATIONS

  Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ICs, MOSFET, signal lines of sensor units for consumer, computer, industrial, automotive, and telecommunication.



 




Similar Part No. - P6KA12A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KA12A VISHAY-P6KA12A Datasheet
101Kb / 5P
Automotive Transient Voltage Suppressors
20-Oct-08
P6KA12A VISHAY-P6KA12A Datasheet
86Kb / 5P
PAR Transient Voltage Suppressors
09-Feb-11
More results


Similar Description - P6KA12A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KA6.8 VISHAY-1.5KA6.8 Datasheet
67Kb / 3P
Automotive Transient Voltage Suppressors
08-Oct-02
1.5KA30A VISHAY-1.5KA30A Datasheet
39Kb / 3P
Automotive Transient Voltage Suppressors
08-Oct-02
P4KA6.8 VISHAY-P4KA6.8 Datasheet
36Kb / 3P
Automotive Transient Voltage Suppressors
03-May-02
6KA24 VISHAY-6KA24 Datasheet
94Kb / 4P
Automotive Transient Voltage Suppressors
20-Oct-08
1.5KA6.8 VISHAY-1.5KA6.8_08 Datasheet
102Kb / 5P
Automotive Transient Voltage Suppressors
20-Oct-08
P4KA6.8 VISHAY-P4KA6.8_08 Datasheet
99Kb / 5P
Automotive Transient Voltage Suppressors
21-Oct-08
P6KA6.8 VISHAY-P6KA6.8 Datasheet
101Kb / 5P
Automotive Transient Voltage Suppressors
20-Oct-08
logo
Shenzhen Taychipst Elec...
TMPG06-6.8 TAYCHIPST-TMPG06-6.8 Datasheet
13Mb / 3P
Automotive Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SM8S33 LUGUANG-SM8S33 Datasheet
81Kb / 4P
Automotive Transient Voltage Suppressors
SM5S10 LUGUANG-SM5S10 Datasheet
49Kb / 3P
Automotive Transient Voltage Suppressors
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com