Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB2535CT Datasheet (PDF) - Vishay Siliconix

MBRB2535CT Datasheet PDF - Vishay Siliconix
Part # MBRB2535CT
Download  MBRB2535CT Download
File Size   512.69 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Common-Cathode Schottky Rectifier

MBRB2535CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRB2535CT Datasheet PDF - Vishay Siliconix

Part # MBRB2535CT
Download  MBRB2535CT Click to download

File Size   512.69 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Common-Cathode Schottky Rectifier

MBRB2535CT Datasheet (HTML) - Vishay Siliconix


MBRB2535CT Product details

FEATURES
• Guardring for overvoltage protection
• Lower power losses, high efficiency
• Low forward voltage drop
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak of 245 °C (for TO-263AB package)
• Solder dip 260 °C, 40 s (for TO-220AB and ITO-220AB package)
• Complant to RoHS 2002/95/EC and in accordance to WEEE 2002/96/EC

TYPICAL APPLICATIONS
  For use in low voltage, high frequency rectifier of switching mode power supplies, freewheeling diodes, dc-to-dc converters or polarity protection application.




Similar Part No. - MBRB2535CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB2535CT GE-MBRB2535CT Datasheet
97Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRB2535CT MCC-MBRB2535CT Datasheet
86Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
GOOD-ARK Electronics
MBRB2535CT GOOD-ARK-MBRB2535CT Datasheet
259Kb / 3P
Dual Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRB2535CT VISHAY-MBRB2535CT Datasheet
125Kb / 6P
Schottky Rectifier, 2 x 15 A
21-Aug-08
logo
Silicon Standard Corp.
MBRB2535CT SSC-MBRB2535CT Datasheet
575Kb / 3P
25A Dual Schottky Rectifiers
More results


Similar Description - MBRB2535CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
Dual Common-Cathode Schottky Rectifier
21-Nov-12
MBR25H35CT VISHAY-MBR25H35CT Datasheet
160Kb / 5P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
SBL1630CT VISHAY-SBL1630CT_08 Datasheet
156Kb / 5P
Dual Common-Cathode Schottky Rectifier
07-May-08
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR1560CT-E3-45 VISHAY-MBR1560CT-E3-45 Datasheet
488Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com