Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB2535CT Datasheet (PDF) - Vishay Siliconix

MBRB2535CT Datasheet PDF - Vishay Siliconix
Part # MBRB2535CT
Download  MBRB2535CT Download
File Size   125.68 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 2 x 15 A

MBRB2535CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRB2535CT Datasheet PDF - Vishay Siliconix

Part # MBRB2535CT
Download  MBRB2535CT Click to download

File Size   125.68 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 2 x 15 A

MBRB2535CT Datasheet (HTML) - Vishay Siliconix


MBRB2535CT Product details

FEATURES
• Guardring for overvoltage protection
• Lower power losses, high efficiency
• Low forward voltage drop
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak of 245 °C (for TO-263AB package)
• Solder dip 260 °C, 40 s (for TO-220AB and ITO-220AB package)
• Complant to RoHS 2002/95/EC and in accordance to WEEE 2002/96/EC

TYPICAL APPLICATIONS
  For use in low voltage, high frequency rectifier of switching mode power supplies, freewheeling diodes, dc-to-dc converters or polarity protection application.




Similar Part No. - MBRB2535CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB2535CT GE-MBRB2535CT Datasheet
97Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRB2535CT MCC-MBRB2535CT Datasheet
86Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
GOOD-ARK Electronics
MBRB2535CT GOOD-ARK-MBRB2535CT Datasheet
259Kb / 3P
Dual Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRB2535CT VISHAY-MBRB2535CT Datasheet
512Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
logo
Silicon Standard Corp.
MBRB2535CT SSC-MBRB2535CT Datasheet
575Kb / 3P
25A Dual Schottky Rectifiers
More results


Similar Description - MBRB2535CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STPS30L30CGPBF VISHAY-STPS30L30CGPBF_10 Datasheet
103Kb / 6P
Schottky Rectifier, 2 x 15 A
16-Mar-10
30CPQ080GPBF VISHAY-30CPQ080GPBF_12 Datasheet
182Kb / 7P
Schottky Rectifier, 2 x 15 A
02-Dec-11
30CTQ080PBF VISHAY-30CTQ080PBF_12 Datasheet
174Kb / 7P
Schottky Rectifier, 2 x 15 A
26-Aug-11
MBR3035WTPBF VISHAY-MBR3035WTPBF_12 Datasheet
162Kb / 7P
Schottky Rectifier, 2 x 15 A
30-Aug-11
VS-32CTQ025PBF VISHAY-VS-32CTQ025PBF_15 Datasheet
113Kb / 6P
Schottky Rectifier, 2 x 15 A
11-Oct-11
32CTQS VISHAY-32CTQS Datasheet
122Kb / 6P
Schottky Rectifier, 2 x 15 A
21-Aug-08
VS-25CTQPBF VISHAY-VS-25CTQPBF Datasheet
171Kb / 7P
Schottky Rectifier, 2 x 15 A
26-Aug-11
VS-30CPQ0.0PBF VISHAY-VS-30CPQ0.0PBF Datasheet
170Kb / 7P
Schottky Rectifier, 2 x 15 A
01-Sep-11
VS-30L30CTPBF VISHAY-VS-30L30CTPBF Datasheet
150Kb / 7P
Schottky Rectifier, 2 x 15 A
26-Aug-11
VS-30CTQ0-N3 VISHAY-VS-30CTQ0-N3 Datasheet
170Kb / 7P
Schottky Rectifier, 2 x 15 A
11-Oct-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com