Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB2535CT Datasheet (PDF) - Silicon Standard Corp.

MBRB2535CT Datasheet PDF - Silicon Standard Corp.
Part # MBRB2535CT
Download  MBRB2535CT Download
File Size   575.25 Kbytes
Page   3 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description 25A Dual Schottky Rectifiers

MBRB2535CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRB2535CT Datasheet PDF - Silicon Standard Corp.

Part # MBRB2535CT
Download  MBRB2535CT Click to download

File Size   575.25 Kbytes
Page   3 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description 25A Dual Schottky Rectifiers

MBRB2535CT Datasheet (HTML) - Silicon Standard Corp.


MBRB2535CT Product details

PRODUCT SUMMARY

Voltage ratings available from 35 to 60 Volts



FEATURES

• Plastic packages have Underwriters Laboratory Flammability Classification 94V-0

• Dual rectifier construction, positive center tap

• Metal-silicon junction, majority carrier conduction

• Low power loss, high efficiency

• Guard-ring for overvoltage protection

• For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications



 




Similar Part No. - MBRB2535CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB2535CT GE-MBRB2535CT Datasheet
97Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRB2535CT MCC-MBRB2535CT Datasheet
86Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
GOOD-ARK Electronics
MBRB2535CT GOOD-ARK-MBRB2535CT Datasheet
259Kb / 3P
Dual Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRB2535CT VISHAY-MBRB2535CT Datasheet
512Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBRB2535CT VISHAY-MBRB2535CT Datasheet
125Kb / 6P
Schottky Rectifier, 2 x 15 A
21-Aug-08
More results


Similar Description - MBRB2535CT

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S25D30 MOSPEC-S25D30 Datasheet
249Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(25A,30-60V)
logo
Shindengen Electric Mfg...
D25SC6M SHINDENGEN-D25SC6M Datasheet
543Kb / 10P
Schottky Rectifiers (SBD) (60V 25A)
D25SC6MR SHINDENGEN-D25SC6MR Datasheet
543Kb / 10P
Schottky Rectifiers (SBD) (60V 25A)
DF25SC6M SHINDENGEN-DF25SC6M Datasheet
533Kb / 10P
Schottky Rectifiers (SBD) (60V 25A)
S25SC6M SHINDENGEN-S25SC6M Datasheet
539Kb / 10P
Schottky Rectifiers (SBD) (60V 25A)
logo
Won-Top Electronics
SB2520CT WTE-SB2520CT_06 Datasheet
51Kb / 4P
25A DUAL SCHOTTKY BARRIER RECTIFIER
SB2520FCT WTE-SB2520FCT_06 Datasheet
50Kb / 4P
25A DUAL SCHOTTKY BARRIER RECTIFIER
logo
TAITRON Components Inco...
AR2505 TAITRON-AR2505 Datasheet
129Kb / 4P
25A Automotive Rectifiers
ARS2505 TAITRON-ARS2505 Datasheet
130Kb / 4P
25A Automotive Rectifiers
logo
Frontier Electronics.
BJ25-005 FRONTIER-BJ25-005 Datasheet
123Kb / 2P
25A BRIDGE RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com