Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPR220Z Datasheet (PDF) - Vishay Siliconix

VPR220Z Datasheet PDF - Vishay Siliconix
Part # VPR220Z
Download  VPR220Z Download
File Size   100.88 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W

VPR220Z Datasheet (PDF)

Go To PDF Page Download Datasheet
VPR220Z Datasheet PDF - Vishay Siliconix

Part # VPR220Z
Download  VPR220Z Click to download

File Size   100.88 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W

VPR220Z Datasheet (HTML) - Vishay Siliconix




Similar Part No. - VPR220Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VPR220 VISHAY-VPR220 Datasheet
68Kb / 2P
Precision Foil Power Resistors in TO 220 Configuration
VPR220 VISHAY-VPR220 Datasheet
128Kb / 4P
Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
05-Jul-07
VPR220100R01 VISHAY-VPR220100R01 Datasheet
68Kb / 2P
Precision Foil Power Resistors in TO 220 Configuration
VPR2205K23101.0 VISHAY-VPR2205K23101.0 Datasheet
68Kb / 2P
Precision Foil Power Resistors in TO 220 Configuration
VPR2205R0000 VISHAY-VPR2205R0000 Datasheet
68Kb / 2P
Precision Foil Power Resistors in TO 220 Configuration
More results


Similar Description - VPR220Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
19-Apr-07
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
13-Nov-07
VPR220 VISHAY-VPR220_08 Datasheet
128Kb / 4P
Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
05-Jul-07
VPR220SZ VISHAY-VPR220SZ Datasheet
102Kb / 4P
Ultra High Precision Z-Foil Surface Mount Power Resistors in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
06-Aug-07
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
11-Jun-07
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
16-Jul-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
12-Jul-07
VSA101 VISHAY-VSA101 Datasheet
120Kb / 5P
Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
03-Nov-08
VAR VISHAY-VAR Datasheet
115Kb / 4P
Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
12-Feb-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com