Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPR220Z Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VPR220Z
Description  Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VPR220Z Datasheet(HTML) 2 Page - Vishay Siliconix

  VPR220Z Datasheet HTML 1Page - Vishay Siliconix VPR220Z Datasheet HTML 2Page - Vishay Siliconix VPR220Z Datasheet HTML 3Page - Vishay Siliconix VPR220Z Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VPR220Z (Z-Foil)
Vishay Foil Resistors
Ultra High Precision Z-Foil Power Resistor in
TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Tolerance to ± 0.01 % and Power Rating to 8 W
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63064
2
Revision: 22-Sep-08
Notes
1. Whichever is lower.
2. Heat sink chassis dimensions and requirements per
MIL-PRF-39009:
3. Inductance (L) due mainly to the leads.
4. The resolution limit of existing test equipment (within the
measurement capability of the equipment, or “essentially zero”).
5. µV/°C relates to EMF due to lead temperature difference.
TABLE 2 - SPECIFICATIONS
Load Life Stability
at 2000 h
± 0.05 % max.
ΔR under full
rated power at + 25 °C
Power Rating at + 25 °C
8 W or 3 A1) on heat sink2)
1.5 Wor 3 A1) in free air
Further derating not
necessary.
Current Noise
< 0.010 µV (rms)/V of applied
voltage (- 40 dB)
High Frequency Operation
Rise time
Inductance3) (L)
Capacitance (C)
1 ns
0.1 µH maximum: 0.03 µH typical
1.0 pF maximum: 0.5 pF typical
Voltage Coefficient4)
< 0.1 ppm/V
Operating Temperature
Range
- 55 °C to + 150 °C
Maximum Working
Voltage
300 V. Not to exceed power
rating.
Thermal EMF5)
0.15 µV/°C maximum
(lead effect)
DIMENSION
INCHES
mm
L
6.00
152.4
W
4.00
101.6
H
2.00
50.8
T
0.04
1.0
FIGURE 2 - TRIMMING TO VALUES
(conceptual illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
FIGURE 3 - TYPICAL TCR CURVE Z-FOIL
+ 500
+ 200
+ 100
0
- 100
- 200
- 300
- 500
- 55
- 25
+ 25
+ 60
+ 75
+ 100
+ 125
Ambient Temperature (°C)
ΔR
R
(ppm)
0
0.05 ppm/°C
- 0.1 ppm/°C
0.1 ppm/°C
0.14 ppm/°C
0.2 ppm/°C
- 0.16 ppm/°C
- 400
+ 300
+ 400
FIGURE 4 - VPR220Z TESTS:
5R, 10 UNITS
+ 500
+ 400
+ 300
+ 200
+ 100
0
- 100
- 200
- 300
- 400
- 500
Test Type
(All tests performed on same resistors in succession)
Initial RC
Low
Temp.
Operation
Short Time
Overload
Post
Drying
Moisture
Resistance
Insulation
Resistance
Initial RC
Terminal
Strength
FIGURE 5 - VPR220Z LOAD LIFE, 10 k
Ω
PNOM., 25 °C, 20 UNITS
+ 500
+ 400
+ 300
+ 200
+ 100
0
- 100
- 200
- 300
- 400
- 500
Time (h)
0
500
1000
1500
2000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com