Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPR220Z Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VPR220Z
Description  Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VPR220Z Datasheet(HTML) 3 Page - Vishay Siliconix

  VPR220Z Datasheet HTML 1Page - Vishay Siliconix VPR220Z Datasheet HTML 2Page - Vishay Siliconix VPR220Z Datasheet HTML 3Page - Vishay Siliconix VPR220Z Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VPR220Z (Z-Foil)
Ultra High Precision Z-Foil Power Resistor in
TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Tolerance to ± 0.01 % and Power Rating to 8 W
Vishay Foil Resistors
Document Number: 63064
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 22-Sep-08
3
Note
* For non-standard requests, please contact application engineering.
FIGURE 6 - VPR220Z FORMING DIMENSIONS in inches (millimeters)
0.400 ± 0.010
(10.16 ± 0.25)
VISHAY
VPR220Z
1K0 1 %
0101
0.245 ± 0.010
(6.22 ± 0.25)
0.141 ± 0.005 Dia.
(3.58 ± 0.13)
0.540 ± 0.040
(13.72 ± 1.02)
0.030 ± 0.002
(0.76 ± 0.05)
0.200 ± 0.005
(5.08 ± 0.13)
0.115 ± 0.005
(2.92 ± 0.13)
0.050 ± 0.005
(1.27 ± 0.13)
0.150 ± 0.008
(3.81 ± 0.2)
0.615 Max.
(15.62)
0.078 ± 0.005
(1.98 ±0.13)
0.015 ± 0.002
(0.38 ± 0.05)
0.050 ± 0.005
(1.27 ± 0.13)
0.200 ± 0.030
(5.08 ± 0.76)
TABLE 3 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y1622350R650Q9L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
K = k
Ω
0 = standard
9 = lead (Pb)-free
1 - 999 = custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
1622 = VPR220Z
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
L = bulk pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1622 350R650 Q 9 L:
TYPE: VPR220Z
VALUE: 350.65
Ω
ABSOLUTE TOLERANCE: ± 0.02 %
TERMINATION: lead (Pb)-free
PACKAGING: bulk pack
HISTORICAL PART NUMBER: VPR220ZT 350R65 Q B (will continue to be used)
VPR220Z
T
350R65
Q
B
MODEL
TERMINATION
OHMIC VALUE
RESISTANCE
TOLERANCE
PACKAGING
VPR220Z
T = lead (Pb)-free
None = tin/lead alloy
350.65
Ω
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
B = bulk pack
6223
0
R
6
5
Y1
Q9
5
L
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com