Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1882A Datasheet (PDF) - Analog Devices

AD1882A Datasheet PDF - Analog Devices
Part # AD1882A
Download  AD1882A Download
File Size   353.41 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Definition Audio SoundMAX Codec

AD1882A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1882A Datasheet PDF - Analog Devices

Part # AD1882A
Download  AD1882A Click to download

File Size   353.41 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Definition Audio SoundMAX Codec

AD1882A Datasheet (HTML) - Analog Devices


AD1882A Product details

GENERAL DESCRIPTION

The AD1882A audio codec and SoundMAX® software provides superior HD audio quality that exceeds Vista Premium performance. The AD1882A has six DACs and four ADCs, two stereo headphone ports, C/LFE swapping, digital and analog PCBeep, and S/PDIF output, making the AD1882A the right choice for desktop and notebook PCs where performance is the primary consideration.

The jack retasking feature on this product supports various configurations including platforms for 5.1 on 5 or 3 jacks, and front panel jack retasking.



FEATURES

  Six 192 kHz, 95 dB DACs

    All independent sample rates, 8 kHz through 192 kHz

    16-, 20-, and 24-bit PCM resolution

    Selectable stereo mixer on outputs

  Four 192 kHz, 90 dB ADCs

    Simultaneous record of up to 2 stereo channels

    All independent sample rates, 8 kHz through 192 kHz

    16-, 20-, and 24-bit resolution

  S/PDIF output

    Supports all sample rates 44.1 kHz through 192 kHz

    16-, 20-, and 24-bit data widths; PCM and AC3 formats

    Digital PCM gain control

  Dedicated auxiliary pins

    Stereo CD input w/GND sense

    Mono out pin for internal speaker with EAPD support

    Analog PCBeep input pin

  Stereo digital microphone

    Two 192 kHz digital microphone channels

    Supports 1 or 2 microphones on 1 pin

    Selectable bit clock rates of 1.5 MHz, 2.0 MHz, and 3.0 MHz

    All sample rates, 8 kHz through 192 kHz

    16-, 20-, and 24-bit resolution

  Microsoft Vista Premium® logo for notebook and desktop

  Impedance and presence detection on all jack pins

  2 general-purpose digital I/O (GPIO) pins

  Advanced power management modes

  EAPD control for internal speakers

  3.3 V analog and digital supply voltage

  1.5 V and 3.3 V HD Audio link signaling

  Very low power consumption in D3 state



 




Similar Part No. - AD1882A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1882 AD-AD1882 Datasheet
843Kb / 16P
High Definition Audio SoundMAX Codec
REV. 0
AD1882JCPZ-RL1 AD-AD1882JCPZ-RL1 Datasheet
843Kb / 16P
High Definition Audio SoundMAX Codec
REV. 0
AD1882JCPZ1 AD-AD1882JCPZ1 Datasheet
843Kb / 16P
High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
High Definition Audio SoundMAX Codec
REV. A
More results


Similar Description - AD1882A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1984 AD-AD1984 Datasheet
1Mb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
High Definition Audio SoundMAX Codec
Jan-2007
AD1882 AD-AD1882 Datasheet
843Kb / 16P
High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1884A AD-AD1884A Datasheet
315Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
High Definition Audio SoundMAX Codec
REV. A
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
High Definition Audio SoundMAX Codec
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com