Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1882JCPZ1 Datasheet (PDF) - Analog Devices

AD1882JCPZ1 Datasheet PDF - Analog Devices
Part # AD1882JCPZ1
Download  AD1882JCPZ1 Download
File Size   843.53 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Definition Audio SoundMAX Codec

AD1882JCPZ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1882JCPZ1 Datasheet PDF - Analog Devices

Part # AD1882JCPZ1
Download  AD1882JCPZ1 Click to download

File Size   843.53 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Definition Audio SoundMAX Codec

AD1882JCPZ1 Datasheet (HTML) - Analog Devices


AD1882JCPZ1 Product details

GENERAL DESCRIPTION

The AD1882 audio codec and SoundMAX® software provides superior HD audio quality that exceeds Vista Premium performance. The AD1882 has six DACs and four ADCs, two stereo headphone ports, C/LFE swapping, digital and analog PCBeep, and S/PDIF output, making the AD1882 the right choice for desktop PCs where performance is the primary consideration. The jack retasking feature on this product supports various configurations including platforms for 5.1 on 5 or 3 jacks, and front panel jack retasking.



FEATURES

  2 stereo headphone amplifiers

  Microsoft Vista Premium logo for notebook and desktop 95 dB audio outputs, 90 dB audio inputs

  Internal 32-bit arithmetic for greater accuracy

  Impedance and presence detection on all jack pins

  Digital synthesis PCBeep

  C/LFE channel swapping

  2 general-purpose digital I/O (GPIO) pins

  Advanced power management modes

  EAPD control for internal speakers

  48-lead, Pb-free LFCSP_VQ package



SIX 96 kHz DACs

  3 independent stereo DAC pairs

  Independent 8 kHz, 11.025 kHz, 16 kHz, 22.05 kHz, 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, and 96 kHz sample rates 16-, 20-, and 24-bit PCM resolution

  Selectable stereo mixer on outputs



FOUR 96 kHz ADCs

  2 independent stereo ADC pairs

  Simultaneous record of up to 4 channels

  Independent 8 kHz, 11.025 kHz, 16 kHz, 22.05 kHz, 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, and 96 kHz sample rates 16-, 20-, and 24-bit resolution



S/PDIF OUTPUT

  Supports 44.1 kHz, 48, kHz 88.2 kHz, and 96 kHz sample rates

  16-, 20-, and 24-bit data widths; PCM and AC3 formats

  Digital PCM gain control



DEDICATED AUXILIARY PINS

  Stereo CD input w/GND sense

  Mono out pin for internal speakers or telephony

  Analog PCBeep input pin



 




Similar Part No. - AD1882JCPZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1882A AD-AD1882A Datasheet
353Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1882AJCPZ AD-AD1882AJCPZ Datasheet
353Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1882AJCPZ-RL AD-AD1882AJCPZ-RL Datasheet
353Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
High Definition Audio SoundMAX Codec
REV. A
More results


Similar Description - AD1882JCPZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1984 AD-AD1984 Datasheet
1Mb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
High Definition Audio SoundMAX Codec
Jan-2007
AD1984B AD-AD1984B Datasheet
302Kb / 20P
High Definition Audio SoundMAX Codec
Feb-2008
AD1984A AD-AD1984A Datasheet
298Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1884A AD-AD1884A Datasheet
315Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
High Definition Audio SoundMAX Codec
REV. A
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
High Definition Audio SoundMAX Codec
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com