Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4900 Datasheet (PDF) - STMicroelectronics

TS4900 Datasheet PDF - STMicroelectronics
Part # TS4900
Download  TS4900 Download
File Size   480.48 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH

TS4900 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS4900 Datasheet PDF - STMicroelectronics

Part # TS4900
Download  TS4900 Click to download

File Size   480.48 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH

TS4900 Datasheet (HTML) - STMicroelectronics


TS4900 Product details

DESCRIPTION
The TS4900 is an audio power amplifier designed to provide the best price to power ratio while preserving high audio quality.
   
■ OPERATING FROM VCC = 2.5V to 5.5V
■ 0.7W OUTPUT POWER @ Vcc=5V, THD=1%,
    f=1kHz, with an 8 Ω load
■ 0.3W OUTPUT POWER @ Vcc=3.3V,
    THD=1%, f=1kHz, with an 8 Ω load
■ ULTRA LOW CONSUMPTION IN STANDBY
    MODE (10nA)
■ 75dB PSRR @ 217Hz from 5V to 2.6V
■ ULTRA LOW POP & CLICK
■ ULTRA LOW DISTORTION (0.1%)
■ UNITY GAIN STABLE
■ AVAILABLE IN MiniSO8 & SO8
   
APPLICATIONS
■ Mobile Phones (Cellular / Cordless)
■ PDAs
■ Portable Audio Devices
   




Similar Part No. - TS4900

ManufacturerPart #DatasheetDescription
logo
Techcon Systems Inc.
TS490-HO-LD-PK TECHCON-TS490-HO-LD-PK Datasheet
1Mb / 8P
310 ml Dispensing Tools/Accessories
logo
STMicroelectronics
TS4902 STMICROELECTRONICS-TS4902 Datasheet
399Kb / 19P
300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
Jan-2002
TS4902ID STMICROELECTRONICS-TS4902ID Datasheet
399Kb / 19P
300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
Jan-2002
TS4902IDT STMICROELECTRONICS-TS4902IDT Datasheet
399Kb / 19P
300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
Jan-2002
TS4902IS STMICROELECTRONICS-TS4902IS Datasheet
399Kb / 19P
300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
Jan-2002
More results


Similar Description - TS4900

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4902 STMICROELECTRONICS-TS4902 Datasheet
399Kb / 19P
300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
Jan-2002
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2003
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
30-Aug-2011
logo
National Semiconductor ...
LM4900 NSC-LM4900 Datasheet
772Kb / 19P
265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
LM4902 NSC-LM4902 Datasheet
772Kb / 18P
265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
logo
STMicroelectronics
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
Nov-2005
TS4972 STMICROELECTRONICS-TS4972_04 Datasheet
789Kb / 30P
1.2W Audio Power Amplifier with Standby Mode Active High
Oct-2004
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
Integrated Silicon Solu...
IS31AP4996 ISSI-IS31AP4996 Datasheet
348Kb / 10P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-HIGH STANDBY MODE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com