Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4900 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS4900
Description  300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4900 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS4900 Datasheet HTML 4Page - STMicroelectronics TS4900 Datasheet HTML 5Page - STMicroelectronics TS4900 Datasheet HTML 6Page - STMicroelectronics TS4900 Datasheet HTML 7Page - STMicroelectronics TS4900 Datasheet HTML 8Page - STMicroelectronics TS4900 Datasheet HTML 9Page - STMicroelectronics TS4900 Datasheet HTML 10Page - STMicroelectronics TS4900 Datasheet HTML 11Page - STMicroelectronics TS4900 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TS4900
8/19
Fig. 15 : Pout @ THD + N = 1% vs Supply
Voltage vs RL
Fig. 17 : Power Dissipation vs Pout
Fig. 19 : Power Dissipation vs Pout
Fig. 16 : Pout @ THD + N = 10% vs Supply
Voltage vs RL
Fig. 18 : Power Dissipation vs Pout
Fig. 20 : Power Derating Curves
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.2
0.4
0.6
0.8
1.0
4
Ω
8
Ω
16
Ω
Gv = 2 & 10
Cb = 1
µF
F = 1kHz
BW < 125kHz
Tamb = 25
οC
32
Ω
Vcc (V)
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Vcc=5V
f=1kHz
THD+N<1%
RL=16
Ω
RL=8
Ω
RL=4
Ω
Output Power (W)
0.0
0.1
0.2
0.3
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
RL=16
Ω
RL=8
Ω
RL=4
Ω
Vcc=2.6V
f=1kHz
THD+N<1%
Output Power (W)
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
32
Ω
16
Ω
8
Ω
Gv = 2 & 10
Cb = 1
µF
F = 1kHz
BW < 125kHz
Tamb = 25
°C
4
Ω
Vcc (V)
0.0
0.2
0.4
0.6
0.0
0.1
0.2
0.3
0.4
0.5
0.6
RL=16
Ω
RL=8
Ω
RL=4
Ω
Vcc=3.3V
f=1kHz
THD+N<1%
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com