Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4900 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS4900
Description  300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4900 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS4900 Datasheet HTML 8Page - STMicroelectronics TS4900 Datasheet HTML 9Page - STMicroelectronics TS4900 Datasheet HTML 10Page - STMicroelectronics TS4900 Datasheet HTML 11Page - STMicroelectronics TS4900 Datasheet HTML 12Page - STMicroelectronics TS4900 Datasheet HTML 13Page - STMicroelectronics TS4900 Datasheet HTML 14Page - STMicroelectronics TS4900 Datasheet HTML 15Page - STMicroelectronics TS4900 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
TS4900
12/19
Fig. 38 : THD + N vs Output Power
Fig. 40 : THD + N vs Output Power
Fig. 42 : THD + N vs Output Power
Fig. 39 : THD + N vs Output Power
Fig. 41 : THD + N vs Output Power
Fig. 43 : THD + N vs Output Power
1E-3
0.01
0.1
1
0.01
0.1
1
10
RL = 16
Ω, Vcc = 5V
Gv = 2
Cb = Cin = 1
µF
BW < 125kHz
Tamb = 25
°C
20kHz
20Hz, 1kHz
Output Power (W)
1E-3
0.01
0.1
0.01
0.1
1
10
RL = 16
Ω, Vcc = 3.3V
Gv = 2
Cb = Cin = 1
µF
BW < 125kHz
Tamb = 25
°C
20kHz
20Hz, 1kHz
Output Power (W)
1E-3
0.01
0.1
0.01
0.1
1
10
RL = 16
Ω
Vcc = 2.6V
Gv = 2
Cb = Cin = 1
µF
BW < 125kHz
Tamb = 25
°C
20kHz
20Hz, 1kHz
Output Power (W)
1E-3
0.01
0.1
1
0.01
0.1
1
10
RL = 16
Ω, Vcc = 5V
Gv = 10
Cb = Cin = 1
µF
BW < 125kHz
Tamb = 25
°C
20kHz
20Hz
1kHz
Output Power (W)
1E-3
0.01
0.1
0.01
0.1
1
10
RL = 16
Ω
Vcc = 3.3V
Gv = 10
Cb = Cin = 1
µF
BW < 125kHz
Tamb = 25
°C
20kHz
20Hz
1kHz
Output Power (W)
1E-3
0.01
0.1
0.01
0.1
1
10
RL = 16
Ω
Vcc = 2.6V
Gv = 10
Cb = Cin = 1
µF
BW < 125kHz
Tamb = 25
°C
20kHz
20Hz
1kHz
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com