Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4885E Datasheet (PDF) - Maxim Integrated Products

MAX4885E Datasheet PDF - Maxim Integrated Products
Part # MAX4885E
Download  MAX4885E Download
File Size   109.71 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Low Capacitance 1:2 VGA Switch with ±15kV ESD

MAX4885E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4885E Datasheet PDF - Maxim Integrated Products

Part # MAX4885E
Download  MAX4885E Click to download

File Size   109.71 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Low Capacitance 1:2 VGA Switch with ±15kV ESD

MAX4885E Datasheet (HTML) - Maxim Integrated Products


MAX4885E Product details

General Description
The MAX4885E integrates high-bandwidth analog switches and level-translating buffers to implement a complete 1:2 multiplexer for VGA signals. The device provides switching for RGB, display data channel (DDC). Horizontal and vertical synchronization (HSYNC/VSYNC) inputs feature level-shifting buffers to support low-voltage CMOS or standard TTL-compatible graphics controllers, meeting the VESA requirement of ±8mA. DDC, consisting of SDA_ and SCL_, is a bidirectional active level translating switch that reduces capacitive load. The MAX4885E features high ESD protection to ±15kV Human Body Model (HBM) on all twelve externally routed terminals. See the Pin Description section. All other pins are protected to ±10kV Human Body Model (HBM).

Features
♦ ±15kV HBM ESD Protection on Externally Routed Terminals
♦ 1GHz Bandwidth
♦ Low 5Ω (typ) On-Resistance (R, G, B Signals)
♦ Low 6pF (typ) On-Capacitance (R, G, B Signals)
♦ Low R, G, B Skew -50ps (typ)
♦ Near Zero Power Consumption (< 2µA)
♦ Ultra-Small, 24-Pin (4mm x 4mm) TQFN Package

Applications
Notebook Computers/Docking Stations
Digital Projectors
Computer Monitors
Servers/Storage
KVM Switches




Similar Part No. - MAX4885E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4885EEVKIT MAXIM-MAX4885EEVKIT Datasheet
190Kb / 8P
VGA Connections and Power
Rev 0; 1/09
MAX4885EEVKIT+ MAXIM-MAX4885EEVKIT+ Datasheet
190Kb / 8P
VGA Connections and Power
Rev 0; 1/09
MAX4885ETJ MAXIM-MAX4885ETJ Datasheet
367Kb / 13P
Complete VGA 1:2 or 2:1 Multiplexer
Rev 0; 5/06
MAX4885ETJ+ MAXIM-MAX4885ETJ+ Datasheet
367Kb / 13P
Complete VGA 1:2 or 2:1 Multiplexer
Rev 0; 5/06
More results


Similar Description - MAX4885E

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0521P SEMTECH-RCLAMP0521P Datasheet
181Kb / 7P
Ultra-Low Capacitance 1-Line ESD protection
RCLAMP0821P SEMTECH-RCLAMP0821P Datasheet
181Kb / 7P
Ultra-Low Capacitance 1-Line ESD protection
logo
Maxim Integrated Produc...
MAX4885AE MAXIM-MAX4885AE Datasheet
1Mb / 10P
High-Bandwidth, VGA 2:1 Switch with ±15kV ESD Protection
Rev 0; 10/09
logo
Semtech Corporation
RCLAMP0531TQ SEMTECH-RCLAMP0531TQ Datasheet
152Kb / 9P
Ultra-Low Capacitance 1-Line ESD protection
logo
Texas Instruments
TMUX154E TI1-TMUX154E Datasheet
1Mb / 26P
ESD-Protected, Low Capacitance, 2-Channel, 2:1 Switch, With Powered-off Protection
logo
Shanghai Leiditech Elec...
ESD7551N2T5G LEIDITECH-ESD7551N2T5G Datasheet
336Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
CPDQC3V3A-HF LEIDITECH-CPDQC3V3A-HF Datasheet
332Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
TPD1E1B04DPYR LEIDITECH-TPD1E1B04DPYR Datasheet
475Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
TPESD3301P LEIDITECH-TPESD3301P Datasheet
339Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
logo
TECH PUBLIC Electronics...
TPESD3301P TECHPUBLIC-TPESD3301P Datasheet
1Mb / 4P
Ultra-Low Capacitance 1-Line ESD Protection
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com