Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4885E Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4885E
Description  Ultra-Low Capacitance 1:2 VGA Switch with ±15kV ESD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4885E Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4885E Datasheet HTML 1Page - Maxim Integrated Products MAX4885E Datasheet HTML 2Page - Maxim Integrated Products MAX4885E Datasheet HTML 3Page - Maxim Integrated Products MAX4885E Datasheet HTML 4Page - Maxim Integrated Products MAX4885E Datasheet HTML 5Page - Maxim Integrated Products MAX4885E Datasheet HTML 6Page - Maxim Integrated Products MAX4885E Datasheet HTML 7Page - Maxim Integrated Products MAX4885E Datasheet HTML 8Page - Maxim Integrated Products MAX4885E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX4885E integrates high-bandwidth analog
switches and level-translating buffers to implement a
complete 1:2 multiplexer for VGA signals. The device
provides switching for RGB, display data channel (DDC).
Horizontal and vertical synchronization (HSYNC/VSYNC)
inputs feature level-shifting buffers to support low-volt-
age CMOS or standard TTL-compatible graphics con-
trollers, meeting the VESA requirement of ±8mA. DDC,
consisting of SDA_ and SCL_, is a bidirectional active-
level translating switch that reduces capacitive load. The
MAX4885E features high ESD protection to ±15kV
Human Body Model (HBM) on all twelve externally rout-
ed terminals. See the
Pin Description section. All other
pins are protected to ±10kV Human Body Model (HBM).
The MAX4885E is specified over the extended -40°C to
+85°C temperature range, and is available in the
24-pin, 4mm x 4mm TQFN package.
Applications
Notebook Computers/Docking Stations
Digital Projectors
Computer Monitors
Servers/Storage
KVM Switches
Features
♦ ±15kV HBM ESD Protection on Externally Routed
Terminals
♦ 1GHz Bandwidth
♦ Low 5Ω (typ) On-Resistance (R, G, B Signals)
♦ Low 6pF (typ) On-Capacitance (R, G, B Signals)
♦ Low R, G, B Skew -50ps (typ)
♦ Near Zero Power Consumption (< 2µA)
♦ Ultra-Small, 24-Pin (4mm x 4mm) TQFN Package
Ultra-Low Capacitance 1:2 VGA
Switch with ±15kV ESD
________________________________________________________________
Maxim Integrated Products
1
19-4269; Rev 0; 10/08
EVALUATION
KIT
AVAILABLE
TQFN-EP
MAX4885E
19
20
21
22
12
3
45
6
18
17
16
15
14
13
23
24
12
11
10
9
8
7
SCL2
SDA2
SCL1
SDA1
SEL
EN
V1
GND
H1
VL
V0
VCC
TOP VIEW
+
*EXPOSED PAD. CONNECTED TO GROUND OR LEAVE UNCONNECTED.
*EP
Pin Configuration
Ordering Information
GRAPHICS
CONTROLLER
DOCKING
STATION
VGA
PORT
VL
VCC
GND
+3.3V
EN
R0, B0, G0
H0, V0
SDA0, SCL0
R2, G2, B2
SDA2, SCL2
R1, G1, B1
SDA1, SCL1
H1, V1
3
2
2
3
2
2
2
3
2
SEL
DOCKING
STATION
+5.0V
+3.3V
0.1
µF
0.1
µF
MAX4885E
Typical Operating Circuit
PART
TEMP RANGE
PIN-PACKAGE
MAX4885EETG+
-40°C to +85°C
24 TQFN-EP*
*
EP = Exposed pad.
+
Denotes lead-free package/RoHS-compliant package.
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim's website at www.maxim-ic.com.


Similar Part No. - MAX4885E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4885EEVKIT MAXIM-MAX4885EEVKIT Datasheet
190Kb / 8P
VGA Connections and Power
Rev 0; 1/09
MAX4885EEVKIT+ MAXIM-MAX4885EEVKIT+ Datasheet
190Kb / 8P
VGA Connections and Power
Rev 0; 1/09
MAX4885ETJ MAXIM-MAX4885ETJ Datasheet
367Kb / 13P
Complete VGA 1:2 or 2:1 Multiplexer
Rev 0; 5/06
MAX4885ETJ+ MAXIM-MAX4885ETJ+ Datasheet
367Kb / 13P
Complete VGA 1:2 or 2:1 Multiplexer
Rev 0; 5/06
More results

Similar Description - MAX4885E

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0521P SEMTECH-RCLAMP0521P Datasheet
181Kb / 7P
Ultra-Low Capacitance 1-Line ESD protection
RCLAMP0821P SEMTECH-RCLAMP0821P Datasheet
181Kb / 7P
Ultra-Low Capacitance 1-Line ESD protection
logo
Maxim Integrated Produc...
MAX4885AE MAXIM-MAX4885AE Datasheet
1Mb / 10P
High-Bandwidth, VGA 2:1 Switch with ±15kV ESD Protection
Rev 0; 10/09
logo
Semtech Corporation
RCLAMP0531TQ SEMTECH-RCLAMP0531TQ Datasheet
152Kb / 9P
Ultra-Low Capacitance 1-Line ESD protection
logo
Texas Instruments
TMUX154E TI1-TMUX154E Datasheet
1Mb / 26P
ESD-Protected, Low Capacitance, 2-Channel, 2:1 Switch, With Powered-off Protection
logo
Shanghai Leiditech Elec...
ESD7551N2T5G LEIDITECH-ESD7551N2T5G Datasheet
336Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
CPDQC3V3A-HF LEIDITECH-CPDQC3V3A-HF Datasheet
332Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
TPD1E1B04DPYR LEIDITECH-TPD1E1B04DPYR Datasheet
475Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
TPESD3301P LEIDITECH-TPESD3301P Datasheet
339Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
logo
TECH PUBLIC Electronics...
TPESD3301P TECHPUBLIC-TPESD3301P Datasheet
1Mb / 4P
Ultra-Low Capacitance 1-Line ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com