Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511 Datasheet (PDF) - STMicroelectronics

TSH511 Datasheet PDF - STMicroelectronics
Part # TSH511
Download  TSH511 Download
File Size   1172.36 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HiFi stereo/mono infrared receiver Stereo sub-carrier demodulator

TSH511 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSH511 Datasheet PDF - STMicroelectronics

Part # TSH511
Download  TSH511 Click to download

File Size   1172.36 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HiFi stereo/mono infrared receiver Stereo sub-carrier demodulator

TSH511 Datasheet (HTML) - STMicroelectronics


TSH511 Product details

Description
The TSH511 is a 0.4 to 11MHz dual FM receiver. This circuit offers the functions needed for a highly sensitive infrared hi-fi stereo receiver.

Features
■ Supply voltage: 2.3V to 5.5V
■ Carriers frequency range: 0.4MHz to 11MHz
■ Two FM receivers for stereo
■ Integrated audio buffers
■ Audio outputs: 20mW into 16 ohms
■ High sensitivity: 4µV @12dB SINAD
■ Flexibility: access pins for each section
■ Receiver 2 Standby for mono operation

Applications
■ Infrared hi-fi stereo receiver
■ Infrared multimedia headsets
■ Stereo sub-carrier demodulator
■ FM IF receiver systems
■ Power line carrier intercoms




Similar Part No. - TSH511

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH511CF STMICROELECTRONICS-TSH511CF Datasheet
1Mb / 25P
Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
12-Nov-2007
TSH511CFT STMICROELECTRONICS-TSH511CFT Datasheet
1Mb / 25P
Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
12-Nov-2007
TSH511CYFT STMICROELECTRONICS-TSH511CYFT Datasheet
1Mb / 25P
Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
12-Nov-2007
TSH511 STMICROELECTRONICS-TSH511_07 Datasheet
1Mb / 25P
Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
12-Nov-2007
More results


Similar Description - TSH511

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1489 NTE-NTE1489 Datasheet
25Kb / 3P
Integrated Circuit Stereo Demodulator
logo
Panasonic Semiconductor
AN7411 PANASONIC-AN7411 Datasheet
201Kb / 3P
fM STEREO MULTIPLEX DEMODULATOR
logo
STMicroelectronics
TSH512 STMICROELECTRONICS-TSH512 Datasheet
1Mb / 19P
HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
Dec-2002
logo
Rohm
BA1332 ROHM-BA1332 Datasheet
169Kb / 6P
Fm stereo demodulator
logo
Panasonic Semiconductor
AN7420N PANASONIC-AN7420N Datasheet
273Kb / 3P
FM Stereo Multiplex Demodulator
logo
Sanyo Semicon Device
LA3350 SANYO-LA3350 Datasheet
136Kb / 1P
PLL MULTIPLEX STEREO DEMODULATOR
logo
Hitachi Semiconductor
HA1196 HITACHI-HA1196 Datasheet
64Kb / 2P
PLL FM Stereo Demodulator
logo
Texas Instruments
SN76110 TI-SN76110 Datasheet
313Kb / 6P
Stereo demodulator
logo
STMicroelectronics
TSH511 STMICROELECTRONICS-TSH511_07 Datasheet
1Mb / 25P
Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
12-Nov-2007
TSH512 STMICROELECTRONICS-TSH512_09 Datasheet
1Mb / 31P
Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
28-May-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com