Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSH511
Description  HiFi stereo/mono infrared receiver Stereo sub-carrier demodulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511 Datasheet(HTML) 5 Page - STMicroelectronics

  TSH511 Datasheet HTML 1Page - STMicroelectronics TSH511 Datasheet HTML 2Page - STMicroelectronics TSH511 Datasheet HTML 3Page - STMicroelectronics TSH511 Datasheet HTML 4Page - STMicroelectronics TSH511 Datasheet HTML 5Page - STMicroelectronics TSH511 Datasheet HTML 6Page - STMicroelectronics TSH511 Datasheet HTML 7Page - STMicroelectronics TSH511 Datasheet HTML 8Page - STMicroelectronics TSH511 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TSH511
5/18
INFRARED STEREO HEADPHONE APPLICATION
The right side of the figure shows the block-diagram of an infrared stereo receiver using the TSH511. The
sensitive LNA directly connected to the photodiode does not require an external pre-amplifier. After filter-
ing, the amplified signals are limited and demodulated with quadrature demodulators. The two integrated
audio buffers directly drive the stereo headphones. The audio power reaches 2x20mW in two 16
Ω loads.
The built-in squelch function fades-out the audio when the incoming infrared signal is low. The standby in-
puts SBY1 and SBY2 enable only one receiver for the mono applications.
Audio
buffer1
Audio
buffer2
LNA
LNA + ALC
LNA + ALC
TX2
TX1
VOX
SBY
buffer1
buffer2
RX2
RX1
Line inputs
Right
channel
Left
channel
Vcc
LED
photodiode
filter
filter
2.3 MHz
2.8 MHz
Vcc: 2.3 to 5.5V
Current < 15 mA
TSH512
TSH511
20 mW / 16
Ω
20 mW / 16
Ω
Power supply:
2.3 to 5.5V
Icc < 20 mA stereo
IR stereo HiFi transmitter
(Television)
IR stereo HiFi receiver
(Headphones)
Hi
Fi
ste
re
o:
2.3
&
2.8
MH
z c
arr
ier
s
Audio
buffer1
Audio
buffer2
LNA
LNA + ALC
LNA + ALC
TX2
TX1
VOX
SBY
buffer1
buffer2
RX2
RX1
Line inputs
Right
channel
Left
channel
Vcc
LED
photodiode
filter
filter
2.3 MHz
2.8 MHz
Vcc: 2.3 to 5.5V
Current < 15 mA
TSH512
TSH511
20 mW / 16
Ω
20 mW / 16
Ω
Power supply:
2.3 to 5.5V
Icc < 20 mA stereo
IR stereo HiFi transmitter
(Television)
IR stereo HiFi receiver
(Headphones)
Hi
Fi
ste
re
o:
2.3
&
2.8
MH
z c
arr
ier
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com