Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH511
Description  HiFi stereo/mono infrared receiver Stereo sub-carrier demodulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511 Datasheet(HTML) 1 Page - STMicroelectronics

  TSH511 Datasheet HTML 1Page - STMicroelectronics TSH511 Datasheet HTML 2Page - STMicroelectronics TSH511 Datasheet HTML 3Page - STMicroelectronics TSH511 Datasheet HTML 4Page - STMicroelectronics TSH511 Datasheet HTML 5Page - STMicroelectronics TSH511 Datasheet HTML 6Page - STMicroelectronics TSH511 Datasheet HTML 7Page - STMicroelectronics TSH511 Datasheet HTML 8Page - STMicroelectronics TSH511 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
TSH511
HiFi stereo/mono infrared receiver
Stereo sub-carrier demodulator
s Supply voltage: 2.3V to 5.5V
s Carriers frequency range: 0.4 to 11 MHz
s Two FM receivers for stereo
s Integrated audio buffers
s Audio outputs: 20 mW into 16 ohms
s High sensitivity: 4µV @12dB SINAD
s Flexibility: access pins for each section
s Receiver 2 Standby for mono operation
DESCRIPTION
The TSH511 is a 0.4 to 11 MHz dual FM receiver.
This circuit offers the functions needed for a highly
sensitive infrared HiFi STEREO receiver.
Featuring high input sensitivity and high input dy-
namic range, each receiver integrates a RF
front-end LNA, an intermediate amplifier with 2 ex-
ternal filters, a voltage limiter, a quadrature FM de-
modulator, and finally an audio buffer.
The integrated audio buffers are able to drive di-
rectly a 16 ohms headphone with 20mW.
A SQUELCH circuit mutes both audio amplifiers.
Access pins to each section makes the TSH511
suited for a wide field of applications.
For MONO applications, the STANDBY pin en-
ables one receiver only, reducing the supply cur-
rent.
The TSH511 forms a chipset with the dual trans-
mitter TSH512.
APPLICATIONS
s Infrared HiFi stereo receiver
s Infrared Multimedia Headsets
s Stereo sub-carrier demodulator
s FM IF receiver systems
s Power Line Carrier Intercoms
ORDER CODE
PACKAGE
PIN CONNECTION (top view)
Part Number
Temperature
Range
Package
Conditionning
Marking
TSH511CF
-40°C to
+85°C
TQFP44
Tray
TSH511C
TSH511CFT
-40°C to
+85°C
TQFP44
Tape & reel
TSH511C
F
TQFP44
10 x 10 mm
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
1
TSH511
Audio
buffers
Standby
RX1
RX2
SQUELCH
Vref
LNA
amp.
limiter
FM demodulator
limiter
amp.
FM demodulator
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
1
TSH511
Audio
buffers
Standby
RX1
RX2
SQUELCH
Vref
LNA
amp.
limiter
FM demodulator
limiter
amp.
FM demodulator
TSH511
December 2002


Similar Part No. - TSH511

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH511CF STMICROELECTRONICS-TSH511CF Datasheet
1Mb / 25P
Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
12-Nov-2007
TSH511CFT STMICROELECTRONICS-TSH511CFT Datasheet
1Mb / 25P
Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
12-Nov-2007
TSH511CYFT STMICROELECTRONICS-TSH511CYFT Datasheet
1Mb / 25P
Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
12-Nov-2007
TSH511 STMICROELECTRONICS-TSH511_07 Datasheet
1Mb / 25P
Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
12-Nov-2007
More results

Similar Description - TSH511

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1489 NTE-NTE1489 Datasheet
25Kb / 3P
Integrated Circuit Stereo Demodulator
logo
Panasonic Semiconductor
AN7411 PANASONIC-AN7411 Datasheet
201Kb / 3P
fM STEREO MULTIPLEX DEMODULATOR
logo
STMicroelectronics
TSH512 STMICROELECTRONICS-TSH512 Datasheet
1Mb / 19P
HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
Dec-2002
logo
Rohm
BA1332 ROHM-BA1332 Datasheet
169Kb / 6P
Fm stereo demodulator
logo
Panasonic Semiconductor
AN7420N PANASONIC-AN7420N Datasheet
273Kb / 3P
FM Stereo Multiplex Demodulator
logo
Sanyo Semicon Device
LA3350 SANYO-LA3350 Datasheet
136Kb / 1P
PLL MULTIPLEX STEREO DEMODULATOR
logo
Hitachi Semiconductor
HA1196 HITACHI-HA1196 Datasheet
64Kb / 2P
PLL FM Stereo Demodulator
logo
Texas Instruments
SN76110 TI-SN76110 Datasheet
313Kb / 6P
Stereo demodulator
logo
STMicroelectronics
TSH511 STMICROELECTRONICS-TSH511_07 Datasheet
1Mb / 25P
Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
12-Nov-2007
TSH512 STMICROELECTRONICS-TSH512_09 Datasheet
1Mb / 31P
Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
28-May-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com