Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5532 Datasheet (PDF) - Cirrus Logic

CS5532 Datasheet PDF - Cirrus Logic
Part # CS5532
Download  CS5532 Download
File Size   764.29 Kbytes
Page   50 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-bit ?誇 ADCs with Ultra-low-noise PGIA

CS5532 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5532 Datasheet PDF - Cirrus Logic

Part # CS5532
Download  CS5532 Click to download

File Size   764.29 Kbytes
Page   50 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-bit ?誇 ADCs with Ultra-low-noise PGIA

CS5532 Datasheet (HTML) - Cirrus Logic


CS5532 Product details

General Description
The CS5531/32/33/34 are highly integrated ∆Σ Analogto-Digital Converters (ADCs) which use charge-balance techniques to achieve 16-bit (CS5531/33) and 24-bit (CS5532/34) performance. The ADCs are optimized for measuring low-level unipolar or bipolar signals in weigh scale, process control, scientific, and medical applications.

Features
❐ Chopper-stabilized PGIA (Programmable Gain Instrumentation Amplifier, 1x to 64x)
    – 12 nV/√Hz @ 0.1 Hz (No 1/f noise) at 64x
    – 1200 pA Input Current with Gains >1
❐ Delta-sigma Analog-to-digital Converter
    – Linearity Error: 0.0007% FS
    – Noise Free Resolution: Up to 23 bits
❐ Two- or Four-channel Differential MUX
❐ Scalable Input Span via Calibration
    – ±5 mV to differential ±2.5V
❐ Scalable VREF Input: Up to Analog Supply
❐ Simple Three-wire Serial Interface
    – SPI™ and Microwire™ Compatible
    – Schmitt Trigger on Serial Clock (SCLK)
❐ R/W Calibration Registers Per Channel
❐ Selectable Word Rates: 6.25 to 3,840 Sps
❐ Selectable 50 or 60 Hz Rejection
❐ Power Supply Configurations
    – VA+ = +5 V; VA- = 0 V; VD+ = +3 V to +5 V
    – VA+ = +2.5 V; VA- = -2.5 V; VD+ = +3 V to +5 V
    – VA+ = +3 V; VA- = -3 V; VD+ = +3 V




Similar Part No. - CS5532

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5532 CIRRUS-CS5532 Datasheet
907Kb / 52P
16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
CS5532 CIRRUS-CS5532 Datasheet
789Kb / 50P
16-bit and 24-bit ADCs with Ultra-low-noise PGIA
CS5532-AS CIRRUS-CS5532-AS Datasheet
907Kb / 52P
16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
CS5532-AS CIRRUS-CS5532-AS Datasheet
789Kb / 50P
16-bit and 24-bit ADCs with Ultra-low-noise PGIA
logo
List of Unclassifed Man...
CS5532-AS ETC2-CS5532-AS Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - CS5532

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5531 CIRRUS-CS5531 Datasheet
907Kb / 52P
16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
CS5521 CIRRUS-CS5521 Datasheet
954Kb / 56P
16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
CS5521 CIRRUS-CS5521_08 Datasheet
905Kb / 56P
16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
CS5531 CIRRUS-CS5531_08 Datasheet
789Kb / 50P
16-bit and 24-bit ADCs with Ultra-low-noise PGIA
logo
Linear Technology
LTC2446 LINER-LTC2446 Datasheet
311Kb / 28P
24-Bit High Speed 8-Channel ?誇 ADCs with Selectable Multiple Reference Inputs
logo
Cirrus Logic
CS5521 CIRRUS-CS5521_09 Datasheet
784Kb / 56P
16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
CS5530 CIRRUS-CS5530 Datasheet
286Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
CS5530_0911 CIRRUS-CS5530_0911 Datasheet
277Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
logo
Linear Technology
LTC2461 LINER-LTC2461 Datasheet
229Kb / 20P
Ultra-Tiny, 16-Bit I짼C ?誇 ADCs with 10ppm/째C Max Precision Reference
LTC2460 LINER-LTC2460 Datasheet
239Kb / 20P
Ultra-Tiny, 16-Bit ?誇 ADCs with 10ppm/째C Max Precision Reference
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com