Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5532 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5532
Description  24-bit ?誇 ADCs with Ultra-low-noise PGIA
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5532 Datasheet HTML 1Page - Cirrus Logic CS5532 Datasheet HTML 2Page - Cirrus Logic CS5532 Datasheet HTML 3Page - Cirrus Logic CS5532 Datasheet HTML 4Page - Cirrus Logic CS5532 Datasheet HTML 5Page - Cirrus Logic CS5532 Datasheet HTML 6Page - Cirrus Logic CS5532 Datasheet HTML 7Page - Cirrus Logic CS5532 Datasheet HTML 8Page - Cirrus Logic CS5532 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Copyright
© Cirrus Logic, Inc. 2008
(All Rights Reserved)
http://www.cirrus.com
CS5532/34-BS
24-bit
∆Σ ADCs with Ultra-low-noise PGIA
Features
Chopper-stabilized PGIA (Programmable
Gain Instrumentation Amplifier, 1x to 64x)
– 6 nV/
√Hz @ 0.1 Hz (No 1/f noise) at 64x
– 1200 pA Input Current with Gains >1
Delta-sigma Analog-to-digital Converter
– Linearity Error: 0.0007% FS
– Noise-free Resolution: Up to 23 bits
Two- or Four-channel Differential MUX
Scalable Input Span via Calibration
– ±5 mV to differential ±2.5V
Scalable VREF Input: Up to Analog Supply
Simple Three-wire Serial Interface
– SPI™ and Microwire™ Compatible
– Schmitt Trigger on Serial Clock (SCLK)
R/W Calibration Registers Per Channel
Selectable Word Rates: 6.25 to 3,840 Sps
Selectable 50 or 60 Hz Rejection
Power Supply Configurations
– VA+ = +5 V; VA- = 0 V; VD+ = +3 V to +5 V
– VA+ = +2.5 V; VA- = -2.5 V; VD+ = +3 V to +5 V
– VA+ = +3 V; VA- = -3 V; VD+ = +3 V
General Description
The CS5532/34 are highly integrated
∆Σ Analog-to-Digi-
tal Converters (ADCs) which use charge-balance
techniques to achieve 24-bit performance. The ADCs
are optimized for measuring low-level unipolar or bipolar
signals in weigh scale, process control, scientific, and
medical applications.
To accommodate these applications, the ADCs come as
either two-channel (CS5532) or four-channel (CS5534)
devices and include a very low-noise, chopper-stabilized
instrumentation amplifier (6 nV/
√Hz @ 0.1 Hz) with se-
lectable gains of 1×, 2×, 4×, 8×, 16×, 32×, and 64×.
These ADCs also include a fourth-order
∆Σ modulator
followed by a digital filter which provides twenty selectable
output word rates of 6.25, 7.5, 12.5, 15, 25, 30, 50, 60, 100,
120, 200, 240, 400, 480, 800, 960, 1600, 1920, 3200, and
3840 Sps (MCLK = 4.9152 MHz).
To ease communication between the ADCs and a micro-
controller, the converters include a simple three-wire se-
rial interface which is SPI™ and Microwire™ compatible
with a Schmitt-trigger input on the serial clock (SCLK).
High dynamic range, programmable output rates, and
flexible power supply options makes these ADCs ideal
solutions
for
weigh
scale
and
process
control
applications.
ORDERING INFORMATION
See page 47
VA+
C1
C2
VREF+
VREF-
VD+
DIFFERENTIAL
4TH ORDER
∆Σ
MODULATOR
PGIA
1,2,4,8,16
PROGRAMMABLE
SINC FIR FILTER
MUX
(CS5534
SHOWN)
AIN1+
AIN1-
AIN2+
AIN2-
AIN3+
AIN3-
AIN4+
AIN4-
SERIAL
INTERFACE
LATCH
CLOCK
GENERATOR
CALIBRATION
SRAM/CONTROL
LOGIC
DGND
CS
SDI
SDO
SCLK
OSC2
OSC1
A1
A0/GUARD
VA-
32,64
OCT ‘08
DS755F3


Similar Part No. - CS5532

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5532 CIRRUS-CS5532 Datasheet
907Kb / 52P
16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
CS5532 CIRRUS-CS5532 Datasheet
789Kb / 50P
16-bit and 24-bit ADCs with Ultra-low-noise PGIA
CS5532-AS CIRRUS-CS5532-AS Datasheet
907Kb / 52P
16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
CS5532-AS CIRRUS-CS5532-AS Datasheet
789Kb / 50P
16-bit and 24-bit ADCs with Ultra-low-noise PGIA
logo
List of Unclassifed Man...
CS5532-AS ETC2-CS5532-AS Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - CS5532

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5531 CIRRUS-CS5531 Datasheet
907Kb / 52P
16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
CS5521 CIRRUS-CS5521 Datasheet
954Kb / 56P
16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
CS5521 CIRRUS-CS5521_08 Datasheet
905Kb / 56P
16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
CS5531 CIRRUS-CS5531_08 Datasheet
789Kb / 50P
16-bit and 24-bit ADCs with Ultra-low-noise PGIA
logo
Linear Technology
LTC2446 LINER-LTC2446 Datasheet
311Kb / 28P
24-Bit High Speed 8-Channel ?誇 ADCs with Selectable Multiple Reference Inputs
logo
Cirrus Logic
CS5521 CIRRUS-CS5521_09 Datasheet
784Kb / 56P
16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
CS5530 CIRRUS-CS5530 Datasheet
286Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
CS5530_0911 CIRRUS-CS5530_0911 Datasheet
277Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
logo
Linear Technology
LTC2461 LINER-LTC2461 Datasheet
229Kb / 20P
Ultra-Tiny, 16-Bit I짼C ?誇 ADCs with 10ppm/째C Max Precision Reference
LTC2460 LINER-LTC2460 Datasheet
239Kb / 20P
Ultra-Tiny, 16-Bit ?誇 ADCs with 10ppm/째C Max Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com