Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5532 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS5532
Description  24-bit ?誇 ADCs with Ultra-low-noise PGIA
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS5532 Datasheet HTML 25Page - Cirrus Logic CS5532 Datasheet HTML 26Page - Cirrus Logic CS5532 Datasheet HTML 27Page - Cirrus Logic CS5532 Datasheet HTML 28Page - Cirrus Logic CS5532 Datasheet HTML 29Page - Cirrus Logic CS5532 Datasheet HTML 30Page - Cirrus Logic CS5532 Datasheet HTML 31Page - Cirrus Logic CS5532 Datasheet HTML 32Page - Cirrus Logic CS5532 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
CS5532/34-BS
DS755F3
29
U/B (Unipolar / Bipolar) [22] [6]
0
Select Bipolar mode.
1
Select Unipolar mode.
OL1-OL0 (Output Latch Bits) [21:20] [5:4]
The latch bits will be set to the logic state of these bits upon command word execution when the output
latch select bit (OLS) in the configuration register is logic 0. Note that the logic outputs on the chip are
powered from VA+ and VA-.
00
A0 = 0, A1 = 0
01
A0 = 0, A1 = 1
10
A0 = 1, A1 = 0
11
A0 = 1, A1 = 1
DT (Delay Time Bit) [19] [3]
When set, the converter will wait for a delay time before starting a conversion. This allows settling time for
A0 and A1 outputs before a conversion begins. The delay time will be 1280 MCLK cycles when FRS = 0,
and 1536 MCLK cycles when FRS = 1.
0
Begin Conversions Immediately.
1
Wait 1280 MCLK cycles (FRS = 0) or 1536 MCLK cycles (FRS = 1) before starting conversion.
OCD (Open Circuit Detect Bit) [18] [2]
When set, this bit activates a 300 nA current source on the input channel (AIN+) selected by the channel
select bits. Note that the 300 nA current source is rated at 25°C. At -55°C, the current source doubles to
approximately 600 nA. This feature is particularly useful in thermocouple applications when the user wants
to drive a suspected open thermocouple lead to a supply rail.
0
Normal mode.
1
Activate current source.
OG1-OG0 (Offset / Gain Register Pointer Bits) [17:16] [1:0]
These bits are only used when OGS in the Configuration Register is set to ‘1’. They allow the user to select
the offset and gain register to use while performing a conversion or calibration. When the OGS bit in the
Configuration Register is set to ‘0’, the offset and gain register for the referenced physical channel (CS1-
CS0 bits of the Setup) will be used.
00
Use offset and gain register from physical channel 1
01
Use offset and gain register from physical channel 2
10
Use offset and gain register from physical channel 3
11
Use offset and gain register from physical channel 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com