Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5532 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5532
Description  24-bit ?誇 ADCs with Ultra-low-noise PGIA
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5532 Datasheet HTML 14Page - Cirrus Logic CS5532 Datasheet HTML 15Page - Cirrus Logic CS5532 Datasheet HTML 16Page - Cirrus Logic CS5532 Datasheet HTML 17Page - Cirrus Logic CS5532 Datasheet HTML 18Page - Cirrus Logic CS5532 Datasheet HTML 19Page - Cirrus Logic CS5532 Datasheet HTML 20Page - Cirrus Logic CS5532 Datasheet HTML 21Page - Cirrus Logic CS5532 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
CS5532/34-BS
18
DS755F3
2.2.3. Command Register Descriptions
READ/WRITE ALL OFFSET CALIBRATION REGISTERS
Function:
These commands are used to access the offset registers as arrays.
R/W (Read/Write)
0
Write to selected registers.
1
Read from selected registers.
READ/WRITE ALL GAIN CALIBRATION REGISTERS
Function:
These commands are used to access the gain registers as arrays.
R/W (Read/Write)
0
Write to selected registers.
1
Read from selected registers.
READ/WRITE ALL CHANNEL-SETUP REGISTERS
Function:
These commands are used to access the channel-setup registers as arrays.
R/W (Read/Write)
0
Write to selected registers.
1
Read from selected registers.
READ/WRITE INDIVIDUAL OFFSET REGISTER
Function
:
These commands are used to access each offset register separately. CS1 - CS0 decode the
registers accessed.
R/W (Read/Write)
0
Write to selected register.
1
Read from selected register.
CS[1:0] (Channel Select Bits)
00
Offset Register 1
01
Offset Register 2
10
Offset Register 3 (CS5534 only)
11
Offset Register 4 (CS5534 only)
D7(MSB)
D6
D5
D4
D3
D2
D1
D0
0
100
R/W
00
1
D7(MSB)
D6
D5
D4
D3
D2
D1
D0
0
100
R/W
01
0
D7(MSB)
D6
D5
D4
D3
D2
D1
D0
0
100
R/W
10
1
D7(MSB)
D6
D5
D4
D3
D2
D1
D0
0
0
CS1
CS0
R/W
00
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com