Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5532 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS5532
Description  24-bit ?誇 ADCs with Ultra-low-noise PGIA
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS5532 Datasheet HTML 30Page - Cirrus Logic CS5532 Datasheet HTML 31Page - Cirrus Logic CS5532 Datasheet HTML 32Page - Cirrus Logic CS5532 Datasheet HTML 33Page - Cirrus Logic CS5532 Datasheet HTML 34Page - Cirrus Logic CS5532 Datasheet HTML 35Page - Cirrus Logic CS5532 Datasheet HTML 36Page - Cirrus Logic CS5532 Datasheet HTML 37Page - Cirrus Logic CS5532 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
CS5532/34-BS
34
DS755F3
rial port returns to the command mode, where it
waits for a new command to be issued. The single
conversion mode will take longer than conversions
performed in the continuous conversion mode. The
number of clock cycles a single conversion takes
for each Output Word Rate (OWR) setting is listed
in Table 1. The ±8 (FRS = 0) or ±10 (FRS = 1) clock
ambiguity is due to internal synchronization be-
tween the SCLK input and the oscillator.
Note:
In the single conversion mode, more than one
conversion is actually performed, but only the
final, fully settled result is output to the
conversion data register.
2.6.2. Continuous Conversion Mode
Based on the information provided in the channel-
setup registers (CSRs), continuous conversions are
performed using the Setup register contents pointed
to by the conversion command. The command byte
includes a pointer address to the Setup register to
be used during the conversion. Once transmitted,
the serial port enters data mode where it waits until
a conversion is complete. After the conversion is
done, SDO falls to logic 0. Forty SCLKs are then
needed to read the conversion. The first 8 SCLKs
are used to clear the SDO flag. The last 32 SCLKs
are needed to read the conversion result. If
‘00000000’ is provided to SDI during the first 8
SCLKs when the SDO flag is cleared, the converter
remains in this conversion mode and continues to
convert the selected channel using the same CSR
Setup. In continuous conversion mode, not every
conversion word needs to be read. The user needs
only to read the conversion words required for the
application as SDO rises and falls to indicate the
availability of new conversion data. Note that if a
conversion is not read before the next conversion
data becomes available, it will be lost and replaced
by the new conversion data. To exit this conversion
mode, the user must provide ‘11111111’ to the SDI
pin during the first 8 SCLKs after SDO falls. If the
user decides to exit, 32 SCLKs are required to
clock out the last conversion before the converter
returns to command mode. The number of clock
cycles a continuous conversion takes for each Out-
put Word Setting is listed in Table 2. The first con-
version from the part in continuous conversion
mode will be longer than the following conversions
due to start-up overhead. The ± 8 (FRS = 0) or ± 10
(FRS = 1) clock ambiguity is due to internal syn-
chronization between the SCLK input and the os-
cillator.
Note:
When changing channels, or after performing
calibrations and/or single conversions, the
user must ignore the first three (for OWRs
less than 3200 Sps, MCLK = 4.9152 MHz) or
first five (for OWR
≥ 3200 Sps) conversions in
continuous conversion mode, as residual
filter coefficients must be flushed from the
filter before accurate conversions are
performed.
Table 1. Conversion Timing – Single Mode
(WR3-WR0)
Clock Cycles
FRS = 0
FRS = 1
0000
171448 ± 8
205738 ± 10
0001
335288 ± 8
402346 ± 10
0010
662968 ± 8
795562 ± 10
0011
1318328 ± 8
1581994 ± 10
0100
2629048 ± 8
3154858 ± 10
1000
7592 ± 8
9110 ± 10
1001
17848 ± 8
21418 ± 10
1010
28088 ± 8
33706 ± 10
1011
48568 ± 8
58282 ± 10
1100
89528 ± 8
107434 ± 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com