Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5532 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5532
Description  24-bit ?誇 ADCs with Ultra-low-noise PGIA
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5532 Datasheet HTML 3Page - Cirrus Logic CS5532 Datasheet HTML 4Page - Cirrus Logic CS5532 Datasheet HTML 5Page - Cirrus Logic CS5532 Datasheet HTML 6Page - Cirrus Logic CS5532 Datasheet HTML 7Page - Cirrus Logic CS5532 Datasheet HTML 8Page - Cirrus Logic CS5532 Datasheet HTML 9Page - Cirrus Logic CS5532 Datasheet HTML 10Page - Cirrus Logic CS5532 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
CS5532/34-BS
DS755F3
7
TYPICAL RMS NOISE (nV)
(See notes 11, 12, 13 and 14)
Notes: 11. The -B devices provide the best noise specifications.
12. Wideband noise aliased into the baseband. Referred to the input. Typical values shown for 25 °C.
13. For Peak-to-Peak Noise multiply by 6.6 for all ranges and output rates.
14. Word rates and -3dB points with FRS = 0. When FRS = 1, word rates and -3dB points scale by 5/6.
TYPICAL NOISE-FREE RESOLUTION(BITS)
(See Notes 15 and 16)
15. Noise-free resolution listed is for bipolar operation, and is calculated as LOG((Input Span)/(6.6xRMS
Noise))/LOG(2) rounded to the nearest bit. For unipolar operation, the input span is 1/2 as large, so one
bit is lost. The input span is calculated in the analog input span section of the data sheet. The noise-free
resolution table is computed with a value of 1.0 in the gain register. Values other than 1.0 will scale the
noise, and change the noise-free resolution accordingly.
16. “Noise-free resolution” is not the same as “effective resolution”. Effective resolution is based on the
RMS noise value, while noise-free resolution is based on a peak-to-peak noise value specified as 6.6
times the RMS noise value. Effective resolution is calculated as LOG((Input Span)/(RMS
Noise))/LOG(2).
Specifications are subject to change without notice.
Output Word
Rate (Sps)
-3 dB Filter
Frequency (Hz)
Instrumentation Amplifier Gain
x64
x32
x16
x8
x4
x2
x1
7.5
1.94
8.5
9
10
15
265099
15
3.88
12
13
15
21
37
70
139
30
7.75
17
18
21
30
52
99
196
60
15.5
24
25
29
42
73
140
277
120
31
34
36
42
59
103
198
392
240
62
80
136
260
514
1020
2050
4090
480
122
113
194
369
730
1450
2900
5810
960
230
159
274
523
1030
2060
4110
8230
1,920
390
260
470
912
1810
3620
7230
14500
3,840
780
1360
2690
5380
10800
21500
43000
86000
Output Word
Rate (Sps)
-3 dB Filter
Frequency (Hz)
Instrumentation Amplifier Gain
x64
x32
x16
x8
x4
x2
x1
7.5
1.94
2021222323
23
23
15
3.88
20
21
22
22
22
22
22
30
7.75
19
20
21
22
22
22
22
60
15.5
19
20
21
21
21
21
21
120
31
1819202121
21
21
240
62
1717181818
18
18
480
122
17
17
17
17
17
17
17
960
230
16
16
17
17
17
17
17
1,920
390
1616161616
16
16
3,840
780
1313131313
13
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com