Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USC1105 Datasheet (PDF) - Semtech Corporation

USC1105 Datasheet PDF - Semtech Corporation
Part # USC1105
Download  USC1105 Download
File Size   59.25 Kbytes
Page   2 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 400V, 2.1A, 50ns

USC1105 Datasheet (PDF)

Go To PDF Page Download Datasheet
USC1105 Datasheet PDF - Semtech Corporation

Part # USC1105
Download  USC1105 Click to download

File Size   59.25 Kbytes
Page   2 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 400V, 2.1A, 50ns

USC1105 Datasheet (HTML) - Semtech Corporation




Similar Part No. - USC1105

ManufacturerPart #DatasheetDescription
logo
Pama & Co Ltd.
USC1 PAMA-USC1 Datasheet
74Kb / 1P
PAMA 12/24V UNIVERSAL IN CAR CHARGER - USC1
logo
Semtech Corporation
USC1304 SEMTECH-USC1304 Datasheet
58Kb / 2P
RECTIFIER, up to 400V, 5A, 50ns
USC1305 SEMTECH-USC1305 Datasheet
58Kb / 2P
RECTIFIER, up to 400V, 5A, 50ns
USC1306 SEMTECH-USC1306 Datasheet
58Kb / 2P
RECTIFIER, up to 400V, 5A, 50ns
logo
List of Unclassifed Man...
USC1841 ETC-USC1841 Datasheet
4Mb / 6P
QUAD 8 BIT DAC
More results


Similar Description - USC1105

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ERC04F FUJI-ERC04F Datasheet
35Kb / 2P
GENERAL USE RECTIFIER DIODE(200V to 400V / 1.5A )
logo
Electronic devices inc.
RUSH EDI-RUSH Datasheet
42Kb / 2P
50ns ULTRA-FAST RECOVERY HIGH -VOLTAGE RECTIFIER DIODES
RUST EDI-RUST Datasheet
41Kb / 2P
50ns ULTRA-FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODES
logo
Semtech Corporation
3FF30 SEMTECH-3FF30 Datasheet
125Kb / 4P
RECTIFIER, up to 600V, 3.4A, 50ns
SFF30 SEMTECH-SFF30 Datasheet
103Kb / 3P
RECTIFIER, 3kV, 360mA, 50ns
USC1304 SEMTECH-USC1304 Datasheet
58Kb / 2P
RECTIFIER, up to 400V, 5A, 50ns
logo
ACE Technology Co., LTD...
ACE7125Y ACE-ACE7125Y Datasheet
197Kb / 3P
High Efficiency 1MHz, 2.1A Step Up Regulator
VER 1.1
logo
Silicon Supplies
MURC1540 SS-MURC1540 Datasheet
1Mb / 4P
400V 15A 60ns Rectifier
Rev 1.0 27/12/22
MURC1560 SS-MURC1560 Datasheet
1Mb / 4P
600V 15A 50ns Rectifier
Rev 1.0 27/12/22
MURC860 SS-MURC860 Datasheet
1Mb / 4P
600V 8A 50ns Rectifier
Rev 1.0 27/12/22
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com